Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NNCD8.2J Datasheet(PDF) 1 Page - NEC

Part # NNCD8.2J
Description  ESD NOISE CLIPPING DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD8.2J Datasheet(HTML) 1 Page - NEC

  NNCD8.2J Datasheet HTML 1Page - NEC NNCD8.2J Datasheet HTML 2Page - NEC NNCD8.2J Datasheet HTML 3Page - NEC NNCD8.2J Datasheet HTML 4Page - NEC NNCD8.2J Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
2003
NNCD5.6J to NNCD36J
DATA SHEET
Document No. D15985EJ3V1DS00 (3rd edition)
Date Published January 2005 NS CP(K)
Printed in Japan
ESD NOISE CLIPPING DIODE
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE
2-PIN ULTRA SUPER MINI MOLD (FLAT TYPE)
The mark
shows major revised points.
DESCRIPTION
These products are a diode developed for ESD
(Electrostatic
Discharge)
absorption.
Based
on
the
IEC-61000-4-2 test on electromagnetic interference (EMI),
the diode assures an endurance, thus making itself most
suitable for external interface circuit protection.
These products are can cope with more high density
assembling.
FEATURES
• Base on the electrostatic discharge immunity test (IEC
61000-4-2),
the product assures the minimum endurance.
• Mounted in the ultra super mini mold (flat) package, the
product can achiever high density and automatic packaging.
APPLICATIONS
• External interface circuit ESD absorption.
• Circuits for waveform clipper, surge absorber
MAXIMUM RATINGS (TA = 25°C)
Item
Symbol
Rating
Unit
Remark
Power Dissipation
P
150
mW
Total
Surge Reverse Power
PRSM
85 (t = 10
µs, 1 pulse)
W
Junction Temperature
Tj
150
oC
Storage Temperature
Tstg
−55 to +150
oC
PACKAGE DRAWING (Unit: mm)
1.4 ± 0.1
1.0 ± 0.1
Cathode Indication


Similar Part No. - NNCD8.2J

ManufacturerPart #DatasheetDescription
logo
NEC
NNCD8.2A NEC-NNCD8.2A Datasheet
47Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 400 mW TYPE
NNCD8.2B NEC-NNCD8.2B Datasheet
43Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 500 mW TYPE
NNCD8.2C NEC-NNCD8.2C Datasheet
41Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 150 mW TYPE
NNCD8.2D NEC-NNCD8.2D Datasheet
41Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
logo
Renesas Technology Corp
NNCD8.2DA RENESAS-NNCD8.2DA Datasheet
227Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE 2-PIN SUPER MINI MOLD
More results

Similar Description - NNCD8.2J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NNCD18DT RENESAS-NNCD18DT Datasheet
305Kb / 6P
   ESD NOISE CLIPPING DIODE
2009
logo
NEC
NNCD68H NEC-NNCD68H Datasheet
40Kb / 5P
   LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE
logo
Renesas Technology Corp
NNCD2.0DA RENESAS-NNCD2.0DA Datasheet
227Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE 2-PIN SUPER MINI MOLD
logo
NEC
NNCD12A NEC-NNCD12A Datasheet
47Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 400 mW TYPE
NNCD56MG NEC-NNCD56MG Datasheet
35Kb / 4P
   LOW CAPACITANCE HIGH ESD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 5-PIN MINI MOLD
NNCD62MF NEC-NNCD62MF Datasheet
36Kb / 4P
   LOW CAPACITANCE HIGH ESD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 3-PIN MINI MOLD
NNCD12C NEC-NNCD12C Datasheet
41Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 150 mW TYPE
NNCD12D NEC-NNCD12D Datasheet
41Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
NNCD12E NEC-NNCD12E Datasheet
40Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
NNCD12B NEC-NNCD12B Datasheet
43Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 500 mW TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com