Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE5492 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE5492
Description  Silicon Controlled Rectifier (SCR)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5492 Datasheet(HTML) 1 Page - NTE Electronics

  NTE5492 Datasheet HTML 1Page - NTE Electronics NTE5492 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE5491 thru NTE5496
Silicon Controlled Rectifier (SCR)
10 Amp
Description:
The NTE5491 through NTE5496 are silicon controlled rectifiers designied primarily for half–wave AC
control applications such as motor controls, heating controls, power supplies, or wherever half–wave
silicon gate–controlled, solid–state devices are needed.
Features:
D Glass–Passivated Junctions and Center Gate Fire for Greater Parameter Uniformity and Stability
D Blocking Voltage to 600 Volts
Absolute Maximum Ratings: (TJ = +125°C unless otherwise specified)
Peak Repetitive Off–State Blocking Voltage, VRRM, VDRM
NTE5491
100V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE5492
200V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE5494
400V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE5496
600V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Non–Repetitive Reverse Voltage, VRSM
NTE5491
150V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE5492
300V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE5494
500V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE5496
720V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
RMS On–State Current (All Conduction Angles), IT(RMS)
25A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Average On–State Current (TC = +65°C), IT(AV)
16A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Non–Repetitive Surge Current, ITSM
(One cycle, 60Hz, Preceeded and followed by rated Current and Voltage)
150A
. . . . . . . . . .
Circuit Fusing Considerations (TJ = –40° to +125°C, t = 1 to 8.3ms), I2t
93A2s
. . . . . . . . . . . . . . . . .
Peak Gate Power Dissipation, PGM
5W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Average Gate Power Dissipation, PG(AV)
500mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Forward Gate Current, IGT
NTE5491, NTE5492, NTE5494
2.0A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE5496
1.2A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–65
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Typical Thermal Resistance, Junction–to–Case, RthJC
2
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stud Torque
30 in.lb.
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - NTE5492

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5491 NTE-NTE5491 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR) 10 Amp
NTE5496 NTE-NTE5496 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR) 10 Amp
NTE5498 NTE-NTE5498 Datasheet
22Kb / 2P
   Silicon Controlled Rectifier (SCR) 12 Amp
NTE5499 NTE-NTE5499 Datasheet
22Kb / 2P
   Silicon Controlled Rectifier (SCR) 12 Amp
More results

Similar Description - NTE5492

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5514 NTE-NTE5514 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR)
NTE5460 NTE-NTE5460 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR)
NTE5517 NTE-NTE5517 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR)
NTE5536 NTE-NTE5536 Datasheet
20Kb / 2P
   Silicon Controlled Rectifier (SCR)
NTE5520 NTE-NTE5520 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR), 25A
NTE5511 NTE-NTE5511 Datasheet
22Kb / 2P
   Silicon Controlled Rectifier (SCR) 5 Amp
NTE5539 NTE-NTE5539 Datasheet
19Kb / 2P
   Silicon Controlled Rectifier (SCR) 55 Amps
NTE5590 NTE-NTE5590 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR) 470 Amp
NTE5368 NTE-NTE5368 Datasheet
19Kb / 2P
   Silicon Controlled Rectifier (SCR) 125 Amp
NTE5461 NTE-NTE5461 Datasheet
20Kb / 2P
   Silicon Controlled Rectifier (SCR) 10 Amp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com