Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2C2-27801203E0900 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # L2C2-27801203E0900
Description  Uniform, high-efficacy and easy-to-design array
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L2C2-27801203E0900 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  L2C2-27801203E0900 Datasheet HTML 1Page - Lumileds Lighting Company L2C2-27801203E0900 Datasheet HTML 2Page - Lumileds Lighting Company L2C2-27801203E0900 Datasheet HTML 3Page - Lumileds Lighting Company L2C2-27801203E0900 Datasheet HTML 4Page - Lumileds Lighting Company L2C2-27801203E0900 Datasheet HTML 5Page - Lumileds Lighting Company L2C2-27801203E0900 Datasheet HTML 6Page - Lumileds Lighting Company L2C2-27801203E0900 Datasheet HTML 7Page - Lumileds Lighting Company L2C2-27801203E0900 Datasheet HTML 8Page - Lumileds Lighting Company L2C2-27801203E0900 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
DS155 LUXEON CoB Core Range (Gen 2) Product Datasheet 20161105 ©2016 Lumileds Holding B.V. All rights reserved.
2
General Product Information
Product Test Conditions
LUXEON CoB Core Range (Gen 2) LEDs are tested and binned with a DC drive current specified below at a junction temperature,
T
j, of 85°C:
200mA
LUXEON CoB 1202s
200mA
LUXEON CoB 1202
300mA
LUXEON CoB 1203
450mA
LUXEON CoB 1204
600mA
LUXEON CoB 1205
900mA
LUXEON CoB 1208
1200mA
LUXEON CoB 1211
1600mA
LUXEON CoB 1216
Part Number Nomenclature
Part numbers for LUXEON CoB Core Range (Gen 2) follow the convention below:
L 2 C 2 –
A A B B C C C C E D D F F
Where:
A A
designates nominal CCT (22=2200K, 27=2700K, 30=3000K, 35=3500K, 40=4000K,
50=5000K, 57=5700K)
B B
designates minimum CRI (70=70CRI, 80=80CRI, 90=90CRI)
C C C C
designates product configuration (example: 1202, 1203, 1204, 1205, 1208, 1211, 1216)
D D
designates light emitting surface (LES) size (06=6mm, 09=9mm, 13=13mm, 15=15mm, 19=19mm, 23=23mm)
F F
designates options for product specification
Therefore, the following part number is used for a LUXEON CoB Core Range (Gen 2) 1203, 3000K 80CRI, 9mm LES:
L 2 C 2 –
3 0 8 0 1 2 0 3 E 0 9 0 0
Lumen Maintenance
Please contact your local Sales Representative or Lumileds Technical Solutions Manager for more information about the
long-term performance of this product.
Environmental Compliance
Lumileds LLC is committed to providing environmentally friendly products to the solid-state lighting market. LUXEON CoB Core
Range (Gen 2) is compliant to the European Union directives on the restriction of hazardous substances in electronic equipment,
namely the RoHS Directive 2011/65/EU and REACH Regulation (EC) 1907/2006. Lumileds LLC will not intentionally add the
following restricted materials to its products: lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (PBB) or
polybrominated diphenyl ethers (PBDE).


Similar Part No. - L2C2-27801203E0900

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2C2-27801203E0900 LUMILEDS-L2C2-27801203E0900 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
More results

Similar Description - L2C2-27801203E0900

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB155 LUMILEDS-PB155 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
L2C5-22801202E0600 LUMILEDS-L2C5-22801202E0600 Datasheet
2Mb / 28P
   Uniform, high efficacy and easy to design array
20200726
LHC1-2780-1203 LUMILEDS-LHC1-2780-1203 Datasheet
2Mb / 13P
   Uniform, High Efficacy and Easy-to-Design Array
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
DS61 LUMILEDS-DS61 Datasheet
2Mb / 28P
   High value and easy design-in
PB061 LUMILEDS-PB061 Datasheet
1Mb / 2P
   High value and easy design-in
PB103 LUMILEDS-PB103 Datasheet
1Mb / 2P
   Brightest, most uniform and highest efficacy multi-die emitter
DS103 LUMILEDS-DS103 Datasheet
2Mb / 22P
   Brightest, most uniform and highest efficacy multi-die emitter
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
   Easy Plug-and-play Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com