Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1V1-507003VX00000 Datasheet(PDF) 9 Page - Lumileds Lighting Company

Part # L1V1-507003VX00000
Description  Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1V1-507003VX00000 Datasheet(HTML) 9 Page - Lumileds Lighting Company

Back Button L1V1-507003VX00000 Datasheet HTML 5Page - Lumileds Lighting Company L1V1-507003VX00000 Datasheet HTML 6Page - Lumileds Lighting Company L1V1-507003VX00000 Datasheet HTML 7Page - Lumileds Lighting Company L1V1-507003VX00000 Datasheet HTML 8Page - Lumileds Lighting Company L1V1-507003VX00000 Datasheet HTML 9Page - Lumileds Lighting Company L1V1-507003VX00000 Datasheet HTML 10Page - Lumileds Lighting Company L1V1-507003VX00000 Datasheet HTML 11Page - Lumileds Lighting Company L1V1-507003VX00000 Datasheet HTML 12Page - Lumileds Lighting Company L1V1-507003VX00000 Datasheet HTML 13Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DS163 LUXEON V Product Datasheet 20170811 ©2017 Lumileds Holding B.V. All rights reserved.
8
Product Bin and Labeling Definitions
Decoding Product Bin Labeling
In the manufacturing of semiconductor products, there are variations in performance around the average values given in the
technical datasheet. For this reason, Lumileds bins LED components for luminous flux or radiometric power, color point, peak or
dominant wavelength and forward voltage.
LUXEON V LEDs are labeled using a 4-digit alphanumeric CAT code following the format below:
A B C D
Where:
A
designates luminous flux bin (example: U=510 to 540 lumens, X=600 to 630 lumens)
B C
designates color bin (example: 13, 5A, 5B, 5C, 5D, 7A, 7B, 7C, 7D)
D
designates forward voltage bin (example: G=2.85 to 3.00V, H=3.00 to 3.20V)
Therefore, a LUXEON V with a lumen range of 510 to 540 lm, color bin of 7A and a forward voltage range of 2.85 to 3.00V has the
following CAT code:
U 7 A G
Luminous Flux Bins
Table 5 lists the standard luminous flux bins for LUXEON V emitters. Although several bins are outlined, product availability in a
particular bin varies by production run and by product performance. Not all bins are available in all CCTs.
Table 5. Luminous flux bin definitions for LUXEON V, T
j=85°C .
BIn
lumInous FluX [1] (lm)
mInImum
maXImum
S
450
480
T
480
510
U
510
540
V
540
570
W
570
600
X
600
630
Y
630
660
Notes for Table 5:
1. Lumileds maintains a tolerance of ±6.5% on luminous flux measurements.


Similar Part No. - L1V1-507003VX00000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1V1-507003Vx00000 LUMILEDS-L1V1-507003Vx00000 Datasheet
1Mb / 2P
   Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
L1V1-507003VX00000 LUMILEDS-L1V1-507003VX00000 Datasheet
1Mb / 15P
   Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
20190504
More results

Similar Description - L1V1-507003VX00000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB163 LUMILEDS-PB163 Datasheet
1Mb / 2P
   Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
L1V1-407003VX00000 LUMILEDS-L1V1-407003VX00000 Datasheet
1Mb / 15P
   Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
20190504
CS123 LUMILEDS-CS123 Datasheet
3Mb / 3P
   Selfridges Windows Entice Like Never Before With Dynamic Lighting
logo
Seoul Semiconductor
SFJW26DBA SEOUL-SFJW26DBA Datasheet
531Kb / 19P
   Enabling mobile flash with high flux
DD412GR-3A SEOUL-DD412GR-3A Datasheet
1,016Kb / 23P
   Enabling mobile flash with high flux
logo
Lumileds Lighting Compa...
DS189 LUMILEDS-DS189 Datasheet
1Mb / 14P
   Double the flux in the same form factor
PB189 LUMILEDS-PB189 Datasheet
1Mb / 2P
   Double the flux in the same form factor
logo
STANLEY ELECTRIC CO.,LT...
HCNY115AJTE-TR STANLEY-HCNY115AJTE-TR Datasheet
820Kb / 26P
   High reliability, High flux, Low thermal resistance package
HFZV111AJTE-TR STANLEY-HFZV111AJTE-TR Datasheet
789Kb / 25P
   High reliability, High flux, Low thermal resistance package
logo
International Rectifier
IRFP2410 IRF-IRFP2410 Datasheet
147Kb / 8P
   Fourth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com