Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS166 Datasheet(PDF) 11 Page - Lumileds Lighting Company

Part # DS166
Description  Unsurpassed light quality and CBCP due to small LES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS166 Datasheet(HTML) 11 Page - Lumileds Lighting Company

Back Button DS166 Datasheet HTML 7Page - Lumileds Lighting Company DS166 Datasheet HTML 8Page - Lumileds Lighting Company DS166 Datasheet HTML 9Page - Lumileds Lighting Company DS166 Datasheet HTML 10Page - Lumileds Lighting Company DS166 Datasheet HTML 11Page - Lumileds Lighting Company DS166 Datasheet HTML 12Page - Lumileds Lighting Company DS166 Datasheet HTML 13Page - Lumileds Lighting Company DS166 Datasheet HTML 14Page - Lumileds Lighting Company DS166 Datasheet HTML 15Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DS166 LUXEON CoB Compact Range (Gen 2) Product Datasheet 20171013 ©2017 Lumileds Holding B.V. All rights reserved.
10
Color Bin Definitions
Table 5. 3-step MacAdam ellipse color bin definitions for LUXEON CoB Compact Range (Gen 2) at test current, T
j=85ºC .
NOMINAL CCT
COLOR SPACE
CENTER POINT [1]
(cx, cy)
MAJOR AXIS,
a
MINOR AXIS,
b
ELLIPSE ROTATION
ANGLE, θ
2200K
Single 3-step MacAdam ellipse
(0.5020, 0.4155)
0.00862
0.00397
49.3°
2700K
Single 3-step MacAdam ellipse
(0.4578, 0.4101)
0.00810
0.00420
53.7°
3000K
Single 3-step MacAdam ellipse
(0.4338, 0.4030)
0.00834
0.00408
53.2°
3500K
Single 3-step MacAdam ellipse
(0.4073, 0.3917)
0.00927
0.00414
54.0°
4000K
Single 3-step MacAdam ellipse
(0.3818, 0.3797)
0.00939
0.00402
53.7°
5000K
Single 3-step MacAdam ellipse
(0.3447, 0.3553)
0.00822
0.00354
59.6°
5700K
Single 3-step MacAdam ellipse
(0.3287, 0.3417)
0.00745
0.00320
59.1°
Notes for Table 5:
1. Lumileds maintains a tolerance of ±0.005 on x and y coordinates in the CIE 1931 color space.
Figure 7 . 3-step MacAdam ellipse illustration for Table 5 .


Similar Part No. - DS166

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1666 DALLAS-DS1666 Datasheet
49Kb / 7P
   Audio Digital Resistor
logo
Maxim Integrated Produc...
DS1666 MAXIM-DS1666 Datasheet
137Kb / 9P
   Audio Digital Resistor
102899
logo
Dallas Semiconductor
DS1666-010 DALLAS-DS1666-010 Datasheet
49Kb / 7P
   Audio Digital Resistor
logo
Maxim Integrated Produc...
DS1666-010 MAXIM-DS1666-010 Datasheet
137Kb / 9P
   Audio Digital Resistor
102899
logo
Dallas Semiconductor
DS1666-050 DALLAS-DS1666-050 Datasheet
49Kb / 7P
   Audio Digital Resistor
More results

Similar Description - DS166

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS139 LUMILEDS-DS139 Datasheet
2Mb / 18P
   Unsurpassed light quality and CBCP due to small LES
logo
OSRAM GmbH
LSYT67B-R2S2-1-S2T2-26 OSRAM-LSYT67B-R2S2-1-S2T2-26 Datasheet
429Kb / 15P
   more light due to higher optical efficiency
logo
jb Capacitors Company
JFJ JBCAPACITORS-JFJ Datasheet
429Kb / 2P
   High dv / dt ability and small size due to stacked construction
logo
Seoul Semiconductor
SWW0CS10B SEOUL-SWW0CS10B Datasheet
1Mb / 23P
   High reliability and High quality of light
SWW0CS10A SEOUL-SWW0CS10A Datasheet
1Mb / 23P
   High reliability and High quality of light
SWW0CQ10A SEOUL-SWW0CQ10A Datasheet
894Kb / 23P
   High reliability and High quality of light
SWW0CD10B SEOUL-SWW0CD10B Datasheet
1Mb / 23P
   High reliability and High quality of light
SWW0CT10A SEOUL-SWW0CT10A Datasheet
1Mb / 23P
   High reliability and High quality of light
SWW0CD10A SEOUL-SWW0CD10A Datasheet
1Mb / 23P
   High reliability and High quality of light
SWW0CS07S SEOUL-SWW0CS07S Datasheet
829Kb / 23P
   High reliability and High quality of light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com