Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1V1-307003VX00000 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # L1V1-307003VX00000
Description  Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1V1-307003VX00000 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  L1V1-307003VX00000 Datasheet HTML 1Page - Lumileds Lighting Company L1V1-307003VX00000 Datasheet HTML 2Page - Lumileds Lighting Company L1V1-307003VX00000 Datasheet HTML 3Page - Lumileds Lighting Company L1V1-307003VX00000 Datasheet HTML 4Page - Lumileds Lighting Company L1V1-307003VX00000 Datasheet HTML 5Page - Lumileds Lighting Company L1V1-307003VX00000 Datasheet HTML 6Page - Lumileds Lighting Company L1V1-307003VX00000 Datasheet HTML 7Page - Lumileds Lighting Company L1V1-307003VX00000 Datasheet HTML 8Page - Lumileds Lighting Company L1V1-307003VX00000 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DS163 LUXEON V Product Datasheet 20170811 ©2017 Lumileds Holding B.V. All rights reserved.
3
Performance Characteristics
Product Selection Guide
Table 1 . Product performance of LUXEON V at 1400mA, T
j=85°C .
nomInal
cct
crI [1, 2]
lumInous FluX [1] (lm)
Part numBEr [3]
mInImum
tyPIcal
3000K
70 minimum
480
545
L1V1-307003Vx00000
4000K
70 minimum
510
576
L1V1-407003Vx00000
5000K
70 minimum
510
580
L1V1-507003Vx00000
5700K
70 minimum
510
580
L1V1-577003Vx00000
6500K
70 minimum
510
580
L1V1-657003Vx00000
5700K
70 typical
510
580
L1V1-577T03Vx00000
6500K
70 typical
510
580
L1V1-657T03Vx00000
Notes for Table 1:
1. Lumileds maintains a tolerance of ±2 on CRI and ±6.5% on luminous flux measurements.
2. Typical CRI is approximately 2 points higher for those parts with minimum 70CRI specified, but this is not guaranteed. Minimum CRI is 68.5 for parts with 70CRI typical.
3. x = 5 or 7 and defines the number of MacAdam ellipse steps.
Optical Characteristics
Table 2 . Optical characteristics for LUXEON V at 1400mA, T
j=85°C .
Part numBEr
tyPIcal total IncludEd anglE [1]
tyPIcal VIEwIng anglE [2]
L1V1-xxxx03Vx0xxxx
150°
120°
Notes for Table 2:
1. Total angle at which 90% of total luminous flux is captured.
2. Viewing angle is the off axis angle from the LED centerline where the luminous intensity is ½ of the peak value.


Similar Part No. - L1V1-307003VX00000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1V1-307003Vx00000 LUMILEDS-L1V1-307003Vx00000 Datasheet
1Mb / 2P
   Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
More results

Similar Description - L1V1-307003VX00000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB163 LUMILEDS-PB163 Datasheet
1Mb / 2P
   Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
L1V1-407003VX00000 LUMILEDS-L1V1-407003VX00000 Datasheet
1Mb / 15P
   Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
20190504
CS123 LUMILEDS-CS123 Datasheet
3Mb / 3P
   Selfridges Windows Entice Like Never Before With Dynamic Lighting
logo
Seoul Semiconductor
SFJW26DBA SEOUL-SFJW26DBA Datasheet
531Kb / 19P
   Enabling mobile flash with high flux
DD412GR-3A SEOUL-DD412GR-3A Datasheet
1,016Kb / 23P
   Enabling mobile flash with high flux
logo
Lumileds Lighting Compa...
DS189 LUMILEDS-DS189 Datasheet
1Mb / 14P
   Double the flux in the same form factor
PB189 LUMILEDS-PB189 Datasheet
1Mb / 2P
   Double the flux in the same form factor
logo
STANLEY ELECTRIC CO.,LT...
HCNY115AJTE-TR STANLEY-HCNY115AJTE-TR Datasheet
820Kb / 26P
   High reliability, High flux, Low thermal resistance package
HFZV111AJTE-TR STANLEY-HFZV111AJTE-TR Datasheet
789Kb / 25P
   High reliability, High flux, Low thermal resistance package
logo
International Rectifier
IRFP2410 IRF-IRFP2410 Datasheet
147Kb / 8P
   Fourth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com