Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2T0-5070012M00000 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # L2T0-5070012M00000
Description  High performance LED modules with extreme efficacy for robust lighting designs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L2T0-5070012M00000 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  L2T0-5070012M00000 Datasheet HTML 1Page - Lumileds Lighting Company L2T0-5070012M00000 Datasheet HTML 2Page - Lumileds Lighting Company L2T0-5070012M00000 Datasheet HTML 3Page - Lumileds Lighting Company L2T0-5070012M00000 Datasheet HTML 4Page - Lumileds Lighting Company L2T0-5070012M00000 Datasheet HTML 5Page - Lumileds Lighting Company L2T0-5070012M00000 Datasheet HTML 6Page - Lumileds Lighting Company L2T0-5070012M00000 Datasheet HTML 7Page - Lumileds Lighting Company L2T0-5070012M00000 Datasheet HTML 8Page - Lumileds Lighting Company L2T0-5070012M00000 Datasheet HTML 9Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ILLUMINATION
DS160 LUXEON XR-TX Datasheet ©2016 Lumileds Holding B.V. All rights reserved.
No. E335118
LUXEON XR-TX products are LED modules optimized for lighting
applications requiring high efficacy LED arrays mounted on a rigid and
thermally conductive substrate. These versatile building blocks feature
12 LUXEON TX LEDs on a MCPCB substrate, electrical connectors, and
are designed for ease of system integration, faster time to market, and
use with industry standard optics. LUXEON XR-TX will become a complete
IP66 solution when used in combination with standard third party optics
and heat sink.
LUXEON XR-TX
High performance LED modules with
extreme efficacy for robust lighting designs
FEATURES AND BENEFITS
PRIMARY APPLICATIONS
Typical 3300 lumens with 140 lm/W efficacy at 700mA and 85°C
board temperature
Architectural
A range of CCT options available in 70CRI (4000K–5700K)
High Bay & Low Bay
150mm length x 45mm width footprint designed for use with standard third
party optics
Outdoor
Features industry’s highest efficacy single die emitter—LUXEON TX
– Streetlights
Uses Lumileds proprietary pick and place system, targeting specific LED data
points to support the best light output uniformity, V
f and color control
– Tunnel
One-stop shop for simplified supply chain and faster time to market
5 year limited warranty


Similar Part No. - L2T0-5070012M00000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2T0-5070012M00000 LUMILEDS-L2T0-5070012M00000 Datasheet
1Mb / 2P
   High performance LED modules with extreme efficacy for robust lighting designs
More results

Similar Description - L2T0-5070012M00000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB160 LUMILEDS-PB160 Datasheet
1Mb / 2P
   High performance LED modules with extreme efficacy for robust lighting designs
L2T0-4070012M00000 LUMILEDS-L2T0-4070012M00000 Datasheet
1Mb / 9P
   High performance LED modules with extreme efficacy for robust lighting designs
DS133 LUMILEDS-DS133 Datasheet
2Mb / 17P
   Extreme efficacy and best performance
PB133 LUMILEDS-PB133 Datasheet
1Mb / 2P
   Extreme efficacy and best performance
logo
Texas Instruments
TPS61194-Q1 TI1-TPS61194-Q1 Datasheet
613Kb / 35P
[Old version datasheet]   High-Performance 4-Channel LED Driver for Automotive Lighting
logo
Lumileds Lighting Compa...
PB12 LUMILEDS-PB12 Datasheet
1Mb / 2P
   Functional solutions for robust rear combination lamp designs
DS145 LUMILEDS-DS145 Datasheet
2Mb / 14P
   Turnkey solution on a rigid substrate enabling high-efficacy designs
DS159 LUMILEDS-DS159 Datasheet
1Mb / 10P
   Linear LED module on an ultra-slim and rigid substrate enabling high efficacy designs
L202-4080033C30000 LUMILEDS-L202-4080033C30000 Datasheet
2Mb / 14P
   Turnkey solution on a rigid substrate enabling high-efficacy designs
PB145 LUMILEDS-PB145 Datasheet
1Mb / 2P
   Turnkey solution on a rigid substrate enabling high-efficacy designs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com