Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFMH-C1C-0309 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # LFMH-C1C-0309
Description  Industry-leading solutions for low and high beam lamps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LFMH-C1C-0309 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  LFMH-C1C-0309 Datasheet HTML 1Page - Lumileds Lighting Company LFMH-C1C-0309 Datasheet HTML 2Page - Lumileds Lighting Company LFMH-C1C-0309 Datasheet HTML 3Page - Lumileds Lighting Company LFMH-C1C-0309 Datasheet HTML 4Page - Lumileds Lighting Company LFMH-C1C-0309 Datasheet HTML 5Page - Lumileds Lighting Company LFMH-C1C-0309 Datasheet HTML 6Page - Lumileds Lighting Company LFMH-C1C-0309 Datasheet HTML 7Page - Lumileds Lighting Company LFMH-C1C-0309 Datasheet HTML 8Page - Lumileds Lighting Company LFMH-C1C-0309 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DS157 LUXEON F Plus Cool White Product Datasheet 20170507 ©2017 Lumileds Holding B.V. All rights reserved.
3
Performance Characteristics
Product Selection Guide
Table 1 . Product selection for LUXEON F Plus Cool White at 20ms MP test current, T
c=85°C .
MInIMUM lUMInOUs FlUX [1] (lm)
TEsT cUrrEnT (mA)
PArT nUMBEr
268
1000
LFMH-C1C-0268
288
1000
LFMH-C1C-0288
309
1000
LFMH-C1C-0309
Notes for Table 1:
1. Dominant wavelength is derived from the CIE 1931 Chromaticity diagram and represents perceived color.
2. Lumileds maintains a tolerance of ±6.5% on luminous flux measurements.
Optical Characteristics
Table 2 . Typical optical characteristics for LUXEON F Plus Cool White at 20ms MP test current, T
c=85°C .
PArT nUMBEr
cOrrElATEd cOlOr TEMPErATUrE
TOTAl InclUdEd AnglE [1]
θ
0.90V
VIEWIng AnglE [2]
1/2
MInIMUM
MAXIMUM
LFMH-C1C-0XXX
5500K
6250K
142°
120°
Notes for Table 2:
1. Total angle at which 90% of total luminous flux is captured.
2. Viewing angle is the off axis angle from the LED centerline where the luminous intensity is ½ of the peak value.
Electrical Characteristics
Table 3 . Typical electrical characteristics for LUXEON F Plus Cool White at MP test current, T
C=85°C .
PArT nUMBEr
FOrWArd
VOlTAgE (V) [1]
dynAMIc
rEsIsTAncE [2]
(Ω) R
d
TEMPErATUrE
cOEFFIcIEnT OF
FOrWArd
VOlTAgE [3]
(mV/°C) ΔV
f / ΔTj
TyPIcAl ThErMAl rEsIsTAncE
JUncTIOn TO cAsE (°c/W)
j-c el
[4]
j-c real
[5]
MInIMUM
MAXIMUM
TyPIcAl
MAXIMUM
TyPIcAl
MAXIMUM
LFMH-C1C-0XXX
2.55
3.27
0.3
-2.1
2.30
2.60
3.27
3.69
Notes for Table 3:
1. Lumileds maintains a tolerance of ±0.06 V on forward voltage measurements.
2. Dynamic resistance is the inverse of the slope in linear forward voltage model for LEDs. See forward voltage vs. forward current Figure 4.
3. Measured between T
c=80°C and Tc=90°C at binning current.
4. Rθ
j-c electr: Electrical thermal resistance (junction to case).
5. Rθ
j-c real: Real thermal resistance (junction to case) with wall plug efficiency included. Reference JESD51-51, JESD51-14, 4.1.3.


Similar Part No. - LFMH-C1C-0309

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LFMH-C1A-0100 LUMILEDS-LFMH-C1A-0100 Datasheet
1Mb / 17P
   Industry-leading solutions for light guide DRL, and signature lamps
LFMH-C1A-0110 LUMILEDS-LFMH-C1A-0110 Datasheet
1Mb / 17P
   Industry-leading solutions for light guide DRL, and signature lamps
LFMH-C1A-0120 LUMILEDS-LFMH-C1A-0120 Datasheet
1Mb / 17P
   Industry-leading solutions for light guide DRL, and signature lamps
More results

Similar Description - LFMH-C1C-0309

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB157 LUMILEDS-PB157 Datasheet
1Mb / 2P
   Industry-leading solutions for low and high beam lamps
DS112 LUMILEDS-DS112 Datasheet
1Mb / 17P
   Industry-leading solutions for light guide DRL, and signature lamps
PB112 LUMILEDS-PB112 Datasheet
1Mb / 2P
   Industry-leading solutions for light guide DRL, and signature lamps
PB187 LUMILEDS-PB187 Datasheet
1Mb / 2P
   Industry-leading solutions for light guide DRL, and signature lamps
DS187 LUMILEDS-DS187 Datasheet
1Mb / 16P
   Industry-leading solutions for light guide DRL, and signature lamps
PB109 LUMILEDS-PB109 Datasheet
1Mb / 2P
   Industry-leading solutions for turn applications
DS109 LUMILEDS-DS109 Datasheet
1Mb / 17P
   Industry-leading solutions for turn applications
logo
MKS Instruments.
628E MKS-628E Datasheet
262Kb / 4P
   Industry-leading accuracy and repeatability
logo
Advanced Micro Devices
MI25 AMD-MI25 Datasheet
1Mb / 3P
   Industry Leading Performance for Deep Learning1
logo
Lumileds Lighting Compa...
L1IG-0750100000000 LUMILEDS-L1IG-0750100000000 Datasheet
1Mb / 14P
   Industry leading broadband IR solution for spectroscopy and hyperspectral imaging applications
20190729
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com