Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS144 Datasheet(PDF) 6 Page - Lumileds Lighting Company

Part # DS144
Description  Multiple colors, a single focal length
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS144 Datasheet(HTML) 6 Page - Lumileds Lighting Company

Back Button DS144 Datasheet HTML 2Page - Lumileds Lighting Company DS144 Datasheet HTML 3Page - Lumileds Lighting Company DS144 Datasheet HTML 4Page - Lumileds Lighting Company DS144 Datasheet HTML 5Page - Lumileds Lighting Company DS144 Datasheet HTML 6Page - Lumileds Lighting Company DS144 Datasheet HTML 7Page - Lumileds Lighting Company DS144 Datasheet HTML 8Page - Lumileds Lighting Company DS144 Datasheet HTML 9Page - Lumileds Lighting Company DS144 Datasheet HTML 10Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
DS144 LUXEON C Color Line Product Datasheet 20180219 ©2018 Lumileds Holding B.V. All rights reserved.
5
Absolute Maximum Ratings
Table 4 . Absolute maximum ratings for LUXEON C Color Line .
ParamEtEr
Far rEd
and dEEP rEd
rEd, rEd-oranGE,
amBEr and PC amBEr
GrEEn
and Cyan
BluE
and royal BluE
mInt, lImE
and WHItE
DC Forward Current [1,2]
700mA
1050mA
1050mA
1050mA
1225mA
Peak Pulsed Forward Current [1,3]
875mA
1300mA
1300mA
1300mA
1500mA
LED Junction Temperature [1] (DC & Pulse)
135°C
120°C
135°C
135°C
135°C
ESD Sensitivity
(ANSI/ESDA/JEDEC JS-001-2012)
Class 3B
LED Storage Temperature
-40°C to 135°C
Soldering Temperature
JEDEC 020c 260°C
Allowable Reflow Cycles
3
Reverse Voltage (V
reverse)
LUXEON C LEDs are not designed to be driven in reverse bias
Notes for Table 4:
1. Proper current derating must be observed to maintain the junction temperature below the maximum allowable junction temperature.
2. Residual periodic variations due to power conversion from alternating current (AC) to direct current (DC), also called “ripple,” are acceptable if the following conditions are met:
– The frequency of the ripple current is 100Hz or higher
– The average current for each cycle does not exceed the maximum allowable DC forward current
– The maximum amplitude of the ripple does not exceed the maximum peak pulsed forward current
3. At 10% duty cycle with pulse width of 10ms.


Similar Part No. - DS144

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1401 MAXIM-DS1401 Datasheet
226Kb / 2P
   Front-Panel iButton Holder
8/09
logo
TT Electronics.
DS1401 TTELEC-DS1401 Datasheet
451Kb / 2P
   Platon Plastic Paddle Flow
logo
Dallas Semiconductor
DS1402 DALLAS-DS1402 Datasheet
217Kb / 6P
   iButton Probe Component Parts
logo
TT Electronics.
DS1402 TTELEC-DS1402 Datasheet
452Kb / 1P
   Paddle Flow Switches
logo
Maxim Integrated Produc...
DS1402-BP8 MAXIM-DS1402-BP8 Datasheet
171Kb / 2P
   1-Wire Network Cables
032105
More results

Similar Description - DS144

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB144 LUMILEDS-PB144 Datasheet
1Mb / 2P
   Multiple colors, a single focal length
logo
Seoul Semiconductor
ERT801-S SEOUL-ERT801-S Datasheet
342Kb / 13P
   Industry Standard PLCC SMT package Available in multiple colors
logo
STMicroelectronics
AN4478 STMICROELECTRONICS-AN4478 Datasheet
263Kb / 9P
   Using multiple VL6180Xs in a single design
logo
Sharp Corporation
GP2S40 SHARP-GP2S40 Datasheet
48Kb / 4P
   Long Focal Distance, Subminiature Photointerrupter
GP2S03 SHARP-GP2S03 Datasheet
37Kb / 3P
   Long Focal Distance Type Photointerrupter
GP2S01 SHARP-GP2S01 Datasheet
58Kb / 4P
   Long Focal Distance Type Photointerrupter
logo
Level One
CAS-1200 LVL1-CAS-1200 Datasheet
174Kb / 2P
   3~8mm Vari-Focal Lens
logo
List of Unclassifed Man...
P-8616 ETC2-P-8616 Datasheet
359Kb / 1P
   Single Primary, Multiple Secondaries
logo
Lumileds Lighting Compa...
WP28 LUMILEDS-WP28 Datasheet
857Kb / 4P
   The importance of a color LED with a small foot print, consistent focal height
logo
Sharp Corporation
GP2S28 SHARP-GP2S28 Datasheet
47Kb / 4P
   Long Focal Distance, Case Type Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com