Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC21222QDRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC21222QDRQ1
Description  Automotive 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC21222QDRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  UCC21222QDRQ1 Datasheet HTML 1Page - Texas Instruments UCC21222QDRQ1 Datasheet HTML 2Page - Texas Instruments UCC21222QDRQ1 Datasheet HTML 3Page - Texas Instruments UCC21222QDRQ1 Datasheet HTML 4Page - Texas Instruments UCC21222QDRQ1 Datasheet HTML 5Page - Texas Instruments UCC21222QDRQ1 Datasheet HTML 6Page - Texas Instruments UCC21222QDRQ1 Datasheet HTML 7Page - Texas Instruments UCC21222QDRQ1 Datasheet HTML 8Page - Texas Instruments UCC21222QDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
3
UCC21222-Q1
www.ti.com
SLUSDA5 – FEBRUARY 2018
Product Folder Links: UCC21222-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
P = power, I = input, O = output
5 Pin Configuration and Functions
D Package
16-Pin SOIC
Top View
Pin Functions
PIN
I/O (1)
Description
NAME
NO.
DIS
5
I
Disables both driver outputs if asserted high, enables if set low or left open. This pin is pulled low
internally if left open. It is recommended to tie this pin to ground if not used to achieve better noise
immunity. Bypass using a
≈ 1-nF low ESR/ESL capacitor close to DIS pin when connecting to a µC with
distance.
DT
6
I
Programmable dead time function.
Tying DT to VCCI or leaving DT open allows the outputs to overlap. Placing a resistor (RDT) between DT
and GND adjusts dead time according to the equation: DT (in ns) = 10 × RDT (in kΩ). TI recommends
bypassing this pin with a ceramic capacitor, 2.2 nF or greater, to achieve better noise immunity. Place
this capacitor and RDT close to the DT pin.
GND
4
P
Primary-side ground reference. All signals in the primary side are referenced to this ground.
INA
1
I
Input signal for A channel. INA input has a TTL/CMOS compatible input threshold. This pin is pulled low
internally if left open. It is recommended to tie this pin to ground if not used to achieve better noise
immunity.
INB
2
I
Input signal for B channel. INB input has a TTL/CMOS compatible input threshold. This pin is pulled low
internally if left open. It is recommended to tie this pin to ground if not used to achieve better noise
immunity.
NC
7
-
No internal connection.
12
13
OUTA
15
O
Output of driver A. Connect to the gate of the A channel FET or IGBT.
OUTB
10
O
Output of driver B. Connect to the gate of the B channel FET or IGBT.
VCCI
3
P
Primary-side supply voltage. Locally decoupled to GND using a low ESR/ESL capacitor located as close
to the device as possible.
VCCI
8
P
This pin is internally shorted to pin 3.
VDDA
16
P
Secondary-side power for driver A. Locally decoupled to VSSA using a low ESR/ESL capacitor located
as close to the device as possible.
VDDB
11
P
Secondary-side power for driver B. Locally decoupled to VSSB using a low ESR/ESL capacitor located
as close to the device as possible.
VSSA
14
P
Ground for secondary-side driver A. Ground reference for secondary side A channel.
VSSB
9
P
Ground for secondary-side driver B. Ground reference for secondary side B channel.


Similar Part No. - UCC21222QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21222 TI1-UCC21222 Datasheet
1Mb / 43P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21222-Q1 TI1-UCC21222-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21222D TI1-UCC21222D Datasheet
1Mb / 43P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21222DR TI1-UCC21222DR Datasheet
1Mb / 43P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
More results

Similar Description - UCC21222QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21222 TI1-UCC21222 Datasheet
1Mb / 43P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21220 TI1-UCC21220 Datasheet
724Kb / 39P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220 TI1-UCC21220_18 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1_18 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC20520 TI1-UCC20520 Datasheet
977Kb / 42P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Single Input
UCC21521 TI1-UCC21521 Datasheet
986Kb / 44P
[Old version datasheet]   UCC21521 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Enable
UCC21320-Q1 TI1-UCC21320-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   UCC21320-Q1 4-A, 6-A, 3.75-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21225A TI1-UCC21225A Datasheet
1Mb / 45P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver in LGA
UCC20225 TI1-UCC20225 Datasheet
1Mb / 44P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver with Single Input in LGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com