Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC21222 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC21222
Description  4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC21222 Datasheet(HTML) 1 Page - Texas Instruments

  UCC21222 Datasheet HTML 1Page - Texas Instruments UCC21222 Datasheet HTML 2Page - Texas Instruments UCC21222 Datasheet HTML 3Page - Texas Instruments UCC21222 Datasheet HTML 4Page - Texas Instruments UCC21222 Datasheet HTML 5Page - Texas Instruments UCC21222 Datasheet HTML 6Page - Texas Instruments UCC21222 Datasheet HTML 7Page - Texas Instruments UCC21222 Datasheet HTML 8Page - Texas Instruments UCC21222 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
10
9
11
Driver
VDDB
OUTB
VSSB
12
13
NC
NC
UVLO
DEMOD
MOD
15
14
16
Driver
VDDA
OUTA
VSSA
UVLO
DEMOD
MOD
Functional Isolation
Input
Logic,
Disable,
UVLO,
Dead
Time
2
1
3,8
4
7
5
6
GND
INB
NC
DT
DIS
INA
VCCI
Copyright © 2018, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
UCC21222
SLUSCX6 – FEBRUARY 2018
UCC21222 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
1
1 Features
1
Resistor-Programmable Dead Time
Universal: Dual Low-Side, Dual High-Side or Half-
Bridge Driver
4-A Peak Source, 6-A Peak Sink Output
3-V to 5.5-V Input VCCI Range
Up to 18-V VDD Output Drive Supply
8-V VDD UVLO
Switching Parameters:
28-ns Typical Propagation Delay
10-ns Minimum Pulse Width
5-ns Maximum Delay Matching
5.5-ns Maximum Pulse-Width Distortion
TTL and CMOS Compatible Inputs
Integrated Deglitch Filter
I/Os withstand –2-V for 200 ns
Common-Mode Transient Immunity (CMTI)
Greater than 100-V/ns
Isolation Barrier Life >40 Years
Surge Immunity up to 7800-VPK
Narrow Body SOIC-16 (D) Package
Safety-Related Certifications (Planned):
4242-VPK Isolation per DIN V VDE V 0884-
11:2017-01 and DIN EN 61010-1
3000-VRMS Isolation for 1 Minute per UL 1577
CSA Certification per IEC 60950-1, IEC 62368-
1 and IEC 61010-1 End Equipment Standards
CQC Certification per GB4943.1-2011
2 Applications
Isolated converters in AC-to-DC and DC-to-DC
Power Supplies
Server, Telecom, IT and Industrial Infrastructures
Motor Drives and Solar Inverters
HEV and EV Battery Chargers
Industrial Transportation
Uninterruptible Power Supply (UPS)
3 Description
The UCC21222 device is an isolated dual channel
gate driver with programmable dead time. It is
designed with 4-A peak-source and 6-A peak-sink
current to drive power MOSFET, IGBT, and GaN
transistors.
The UCC21222 device can be configured as two low-
side drivers, two high-side drivers, or a half-bridge
driver. 5ns delay matching performance allows two
outputs to be paralleled, doubling the drive strength
for heavy load conditions without risk of internal
shoot-through.
The input side is isolated from the two output drivers
by a 3.0-kVRMS isolation barrier, with a minimum of
100-V/ns common-mode transient immunity (CMTI).
Resistor programmable dead time gives the capability
to adjust dead time for system constraints to improve
efficiency
and
prevent
output
overlap.
Other
protection features include: Disable feature to shut
down both outputs simultaneously when DIS is set
high, integrated deglitch filter that rejects input
transients shorter than 5-ns, and negative voltage
handling for up to -2-V spikes for 200-ns on input and
output pins. All supplies have UVLO protection.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
UCC21222
SOIC (16)
9.9 mm × 3.91 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram


Similar Part No. - UCC21222

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21222 TI1-UCC21222 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21222-Q1 TI1-UCC21222-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21222QDQ1 TI1-UCC21222QDQ1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21222QDRQ1 TI1-UCC21222QDRQ1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
More results

Similar Description - UCC21222

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21222-Q1 TI1-UCC21222-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21220 TI1-UCC21220 Datasheet
724Kb / 39P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220 TI1-UCC21220_18 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC20520 TI1-UCC20520 Datasheet
977Kb / 42P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Single Input
UCC21521 TI1-UCC21521 Datasheet
986Kb / 44P
[Old version datasheet]   UCC21521 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Enable
UCC21225A TI1-UCC21225A Datasheet
1Mb / 45P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver in LGA
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1_18 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC20225 TI1-UCC20225 Datasheet
1Mb / 44P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver with Single Input in LGA
logo
Analog Devices
ADUM4221 AD-ADUM4221 Datasheet
735Kb / 19P
   Isolated, Half Bridge Gate Driver with Adjustable Dead Time, 4 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com