Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B116L-Z45XI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY14B116L-Z45XI
Description  16-Mbit (2048K8/1024K16/512K32) nvSRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B116L-Z45XI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY14B116L-Z45XI Datasheet HTML 1Page - Cypress Semiconductor CY14B116L-Z45XI Datasheet HTML 2Page - Cypress Semiconductor CY14B116L-Z45XI Datasheet HTML 3Page - Cypress Semiconductor CY14B116L-Z45XI Datasheet HTML 4Page - Cypress Semiconductor CY14B116L-Z45XI Datasheet HTML 5Page - Cypress Semiconductor CY14B116L-Z45XI Datasheet HTML 6Page - Cypress Semiconductor CY14B116L-Z45XI Datasheet HTML 7Page - Cypress Semiconductor CY14B116L-Z45XI Datasheet HTML 8Page - Cypress Semiconductor CY14B116L-Z45XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
CY14B116L/CY14B116N/CY14B116S
CY14E116L/CY14E116N/CY14E116S
Document Number: 001-67793 Rev. *N
Page 4 of 37
Pinouts
Figure 1. Pin Diagram: 44-Pin TSOP II (×8)
Figure 2. Pin Diagram: 54-Pin TSOP II (×16)
Figure 3. Pin Diagram: 48-Pin TSOP I (×8)
NC
A8
NC
NC
VSS
DQ6
DQ5
DQ4
VCC
A13
DQ3
A12
DQ2
DQ1
DQ0
OE
A9
CE
A0
A1
A2
A3
A4
A5
A6
A11
A7
A14
A15
A16
A19
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
44 - TSOP II
Top View
(not to scale)
A10
NC
WE
DQ7
HSB
NC
VSS
VCC
VCAP
NC
(x8)
A17
A18
A20
[5]
DQ7
DQ6
DQ5
DQ4
VCC
DQ3
DQ2
DQ1
DQ0
NC
A0
A1
A2
A3
A4
A5
A6
A7
VCAP
WE
A8
A10
A11
A12
A13
A14
A15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
OE
CE
VCC
NC
VSS
A9
NC
A18
54
53
52
51
49
50
HSB
BHE
BLE
DQ15
DQ14
DQ13
DQ12
VSS
DQ11
DQ10
DQ9
DQ8
(x16)
NC
NC
NC
NC
A16
A17
A19
Top View
(not to scale)
54 - TSOP II
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A15
A14
A13
A12
A11
A10
A9
A8
A19
WE
CE2
VCAP
NC
NC
A18
A17
A7
A6
A5
A4
A3
A2
A1
A
16
HSB
A
DQ7
NC
DQ6
NC
DQ5
NC
DQ4
NC
DQ3
NC
DQ2
DQ1
DQ0
OE
CE1
A0
VSS
VCC
VSS
NC
48 - TSOP I
(x8)
(not to scale)
Top View
NC
NC
20
[5]
Note
5. Address expansion for 32-Mbit. NC pin not connected to die.


Similar Part No. - CY14B116L-Z45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B116K CYPRESS-CY14B116K Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
CY14B116K-ZS25XI CYPRESS-CY14B116K-ZS25XI Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
CY14B116K-ZS25XIT CYPRESS-CY14B116K-ZS25XIT Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
CY14B116K-ZS45XI CYPRESS-CY14B116K-ZS45XI Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
CY14B116K-ZS45XIT CYPRESS-CY14B116K-ZS45XIT Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
More results

Similar Description - CY14B116L-Z45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108L CYPRESS-CY14B108L_11 Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14V116N CYPRESS-CY14V116N Datasheet
1Mb / 25P
   16-Mbit (1024 K 횞 16) nvSRAM
CY7C1051H CYPRESS-CY7C1051H Datasheet
436Kb / 16P
   8-Mbit (512K 횞 16) Static RAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
logo
Sharp Corporation
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
   8M (512K 횞 16, 1M 횞 8) Flash Memory
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
logo
Cypress Semiconductor
CY62167GN CYPRESS-CY62167GN Datasheet
532Kb / 19P
   16-Mbit (1M 횞 16/2M 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com