Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14E116N-Z30XI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY14E116N-Z30XI
Description  16-Mbit (2048K8/1024K16/512K32) nvSRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E116N-Z30XI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY14E116N-Z30XI Datasheet HTML 5Page - Cypress Semiconductor CY14E116N-Z30XI Datasheet HTML 6Page - Cypress Semiconductor CY14E116N-Z30XI Datasheet HTML 7Page - Cypress Semiconductor CY14E116N-Z30XI Datasheet HTML 8Page - Cypress Semiconductor CY14E116N-Z30XI Datasheet HTML 9Page - Cypress Semiconductor CY14E116N-Z30XI Datasheet HTML 10Page - Cypress Semiconductor CY14E116N-Z30XI Datasheet HTML 11Page - Cypress Semiconductor CY14E116N-Z30XI Datasheet HTML 12Page - Cypress Semiconductor CY14E116N-Z30XI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
CY14B116L/CY14B116N/CY14B116S
CY14E116L/CY14E116N/CY14E116S
Document Number: 001-67793 Rev. *N
Page 9 of 37
Hardware STORE (HSB) Operation
The CY14X116L/CY14X116N/CY14X116S provides the HSB pin
to control and acknowledge the STORE operations. The HSB pin
is used to request a Hardware STORE cycle. When the HSB pin
is driven LOW, the device conditionally initiates a STORE
operation after tDELAY. A STORE cycle begins only if a write to
the SRAM has taken place since the last STORE or RECALL
cycle. The HSB pin also acts as an open drain driver (an internal
100-k
 weak pull-up resistor) that is internally driven LOW to
indicate a busy condition when the STORE (initiated by any
means) is in progress.
Note After each Hardware and Software STORE operation, HSB
is driven HIGH for a short time (tHHHD) with standard output high
current and then remains HIGH by an internal 100-k
 pull-up
resistor.
SRAM write operations that are in progress when HSB is driven
LOW by any means are given time (tDELAY) to complete before
the STORE operation is initiated. However, any SRAM write
cycles requested after HSB goes LOW are inhibited until HSB
returns HIGH. If the write latch is not set, HSB is not driven LOW
by the device. However, any of the SRAM read and write cycles
are inhibited until HSB is returned HIGH by the host microcon-
troller or another external source.
During any STORE operation, regardless of how it is initiated,
the device continues to drive the HSB pin LOW, releasing it only
when the STORE is complete. Upon completion of the STORE
operation, the nvSRAM memory access is inhibited for tLZHSB
time after the HSB pin returns HIGH. Leave the HSB uncon-
nected if it is not used.
Hardware RECALL (Power-Up)
During
power-up
or
after
any
low-power
condition
(VCC <VSWITCH), an internal RECALL request is latched. When
VCC again exceeds the VSWITCH on power-up, a RECALL cycle
is automatically initiated and takes tHRECALL to complete. During
this time, the HSB pin is driven LOW by the HSB driver and all
reads and writes to nvSRAM are inhibited.
Software STORE
Data is transferred from the SRAM to the nonvolatile memory by
a software address sequence. A Software STORE cycle is
initiated by executing sequential CE or OE controlled read cycles
from six specific address locations in exact order. During the
STORE cycle, the previous nonvolatile data is first erased,
followed by a store into the nonvolatile elements. After a STORE
cycle is initiated, further reads and writes are disabled until the
cycle is completed.
Because a sequence of reads from specific addresses is used
for STORE initiation, it is important that no other read or write
accesses intervene in the sequence. Otherwise, the sequence is
aborted and no STORE or RECALL takes place.
To initiate the Software STORE cycle, the following read
sequence must be performed:
1. Read address 0x4E38 Valid Read
2. Read address 0xB1C7 Valid Read
3. Read address 0x83E0 Valid Read
4. Read address 0x7C1F Valid Read
5. Read address 0x703F Valid Read
6. Read address 0x8FC0 Initiate STORE cycle
The software sequence may be clocked with CE-controlled
reads or OE-controlled reads, with WE kept HIGH for all the six
read sequences. After the sixth address in the sequence is
entered, the STORE cycle commences and the chip is disabled.
HSB is driven LOW. After the tSTORE cycle time is fulfilled, the
SRAM is activated again for the read and write operation.
Software RECALL
Data is transferred from the nonvolatile memory to the SRAM by
a software address sequence. A software RECALL cycle is
initiated with a sequence of read operations in a manner similar
to the Software STORE initiation. To initiate the RECALL cycle,
perform the following sequence of CE or OE controlled read
operations:
1. Read address 0x4E38 Valid Read
2. Read address 0xB1C7 Valid Read
3. Read address 0x83E0 Valid Read
4. Read address 0x7C1F Valid Read
5. Read address 0x703F Valid Read
6. Read address 0x4C63 Initiate RECALL cycle
Internally, RECALL is a two-step procedure. First, the SRAM
data is cleared; then, the nonvolatile information is transferred
into the SRAM cells. After the tRECALL cycle time, the SRAM is
again ready for read and write operations. The RECALL
operation does not alter the data in the nonvolatile elements.


Similar Part No. - CY14E116N-Z30XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E101I CYPRESS-CY14E101I Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXI CYPRESS-CY14E101I-SFXI Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXI CYPRESS-CY14E101I-SFXI Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXIT CYPRESS-CY14E101I-SFXIT Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXIT CYPRESS-CY14E101I-SFXIT Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
More results

Similar Description - CY14E116N-Z30XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108L CYPRESS-CY14B108L_11 Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14V116N CYPRESS-CY14V116N Datasheet
1Mb / 25P
   16-Mbit (1024 K 횞 16) nvSRAM
CY7C1051H CYPRESS-CY7C1051H Datasheet
436Kb / 16P
   8-Mbit (512K 횞 16) Static RAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
logo
Sharp Corporation
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
   8M (512K 횞 16, 1M 횞 8) Flash Memory
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
logo
Cypress Semiconductor
CY62167GN CYPRESS-CY62167GN Datasheet
532Kb / 19P
   16-Mbit (1M 횞 16/2M 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com