Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14E116N-Z30XI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY14E116N-Z30XI
Description  16-Mbit (2048K8/1024K16/512K32) nvSRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E116N-Z30XI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY14E116N-Z30XI Datasheet HTML 1Page - Cypress Semiconductor CY14E116N-Z30XI Datasheet HTML 2Page - Cypress Semiconductor CY14E116N-Z30XI Datasheet HTML 3Page - Cypress Semiconductor CY14E116N-Z30XI Datasheet HTML 4Page - Cypress Semiconductor CY14E116N-Z30XI Datasheet HTML 5Page - Cypress Semiconductor CY14E116N-Z30XI Datasheet HTML 6Page - Cypress Semiconductor CY14E116N-Z30XI Datasheet HTML 7Page - Cypress Semiconductor CY14E116N-Z30XI Datasheet HTML 8Page - Cypress Semiconductor CY14E116N-Z30XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
CY14B116L/CY14B116N/CY14B116S
CY14E116L/CY14E116N/CY14E116S
Document Number: 001-67793 Rev. *N
Page 5 of 37
Figure 4. Pin Diagram: 48-Pin TSOP I (×16)
Figure 5. 60-ball FBGA pinout (× 16)
Pinouts (continued)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A15
A14
A13
A12
A11
A10
A9
A8
A19
WE
CE2
VCAP
BHE
BLE
A18
A17
A7
A6
A5
A4
A3
A2
A1
A
16
HSB
DQ15
DQ7
DQ
DQ6
DQ
DQ5
DQ
DQ4
DQ
DQ3
DQ
DQ2
DQ1
DQ0
OE
CE1
A0
VSS
VCC
VSS
NC
48 - TSOP I
(x16)
(not to scale)
Top View
DQ8
DQ9
10
11
12
13
14
[6]
60-FBGA
(not to scale)
Top View
(x16)
WE
VCC
A
11
A
10
HSB
A 6
A
0
A3
CE1
DQ9
A4
A5
DQ12
DQ14
A
9
A
8
OE
VSS
A 7
BHE
CE2
A17
A
2
A1
BLE
VCC
DQ2
DQ3
DQ4
DQ6
A15
A 14
A
13
A
12
3
26
5
4
1
D
E
B
A
C
F
G
H
A16
A
18
DQ11
A 19
VCAP
DQ8
DQ0
DQ10
DQ1
DQ13
DQ5
DQ15
DQ7
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
78
9
10
J
K
L
M
Note
6. Address expansion for 32-Mbit. NC pin not connected to die.


Similar Part No. - CY14E116N-Z30XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E101I CYPRESS-CY14E101I Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXI CYPRESS-CY14E101I-SFXI Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXI CYPRESS-CY14E101I-SFXI Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXIT CYPRESS-CY14E101I-SFXIT Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXIT CYPRESS-CY14E101I-SFXIT Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
More results

Similar Description - CY14E116N-Z30XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108L CYPRESS-CY14B108L_11 Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14V116N CYPRESS-CY14V116N Datasheet
1Mb / 25P
   16-Mbit (1024 K 횞 16) nvSRAM
CY7C1051H CYPRESS-CY7C1051H Datasheet
436Kb / 16P
   8-Mbit (512K 횞 16) Static RAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
logo
Sharp Corporation
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
   8M (512K 횞 16, 1M 횞 8) Flash Memory
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
logo
Cypress Semiconductor
CY62167GN CYPRESS-CY62167GN Datasheet
532Kb / 19P
   16-Mbit (1M 횞 16/2M 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com