Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B116N-Z30XI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B116N-Z30XI
Description  16-Mbit (2048K8/1024K16/512K32) nvSRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B116N-Z30XI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B116N-Z30XI Datasheet HTML 1Page - Cypress Semiconductor CY14B116N-Z30XI Datasheet HTML 2Page - Cypress Semiconductor CY14B116N-Z30XI Datasheet HTML 3Page - Cypress Semiconductor CY14B116N-Z30XI Datasheet HTML 4Page - Cypress Semiconductor CY14B116N-Z30XI Datasheet HTML 5Page - Cypress Semiconductor CY14B116N-Z30XI Datasheet HTML 6Page - Cypress Semiconductor CY14B116N-Z30XI Datasheet HTML 7Page - Cypress Semiconductor CY14B116N-Z30XI Datasheet HTML 8Page - Cypress Semiconductor CY14B116N-Z30XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
CY14B116L/CY14B116N/CY14B116S
CY14E116L/CY14E116N/CY14E116S
16-Mbit (2048K × 8/1024K × 16/512K × 32) nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-67793 Rev. *N
Revised July 22, 2016
16-Mbit (2048K × 8/1024K × 16/512K × 32) nvSRAM
Features
16-Mbit nonvolatile static random access memory (nvSRAM)
25-ns, 30-ns and 45-ns access times
Internally organized as 2048K × 8 (CY14X116L),
1024K × 16 (CY14X116N), 512K × 32 (CY14X116S)
Hands-off automatic STORE on power-down with only a
small capacitor
STORE to QuantumTrap nonvolatile elements is initiated by
software, device pin, or AutoStore on power-down
RECALL to SRAM initiated by software or power-up
High reliability
Infinite read, write, and RECALL cycles
1 million STORE cycles to QuantumTrap
Data retention: 20 years
Sleep mode operation
Low power consumption
Active current of 75 mA at 45 ns
Standby mode current of 650 A
Sleep mode current of 10 A
Operating voltages:
CY14B116X: VCC = 2.7 V to 3.6 V
CY14E116X: VCC = 4.5 V to 5.5 V
Industrial temperature: –40 C to +85 C
Packages
44-pin thin small-outline package (TSOP II)
48-pin thin small-outline package (TSOP I)
54-pin thin small-outline package (TSOP II)
60-ball fine-pitch ball grid array (FBGA) package
165-ball fine-pitch ball grid array (FBGA) package
Restriction of hazardous substances (RoHS) compliant
Offered speeds
44-pin TSOP II: 25 ns and 45 ns
48-pin TSOP I: 30 ns and 45 ns
54-pin TSOP II: 25 ns and 45 ns
60-ball FBGA: 25 ns
165-ball FBGA: 25 ns and 45 ns
Functional Description
The Cypress CY14X116L/CY14X116N/CY14X116S is a fast
SRAM, with a nonvolatile element in each memory cell. The
memory is organized as 2048K bytes of 8 bits each or 1024K
words of 16 bits each or 512K words of 32 bits each. The
embedded nonvolatile elements incorporate QuantumTrap
technology, producing the world’s most reliable nonvolatile
memory. The SRAM can be read and written an infinite number
of times. The nonvolatile data residing in the nonvolatile
elements do not change when data is written to the SRAM. Data
transfers from the SRAM to the nonvolatile elements (the
STORE operation) takes place automatically at power-down. On
power-up, data is restored to the SRAM (the RECALL operation)
from the nonvolatile memory. Both the STORE and RECALL
operations are also available under software control.
For a complete list of related documentation, click here.


Similar Part No. - CY14B116N-Z30XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B116K CYPRESS-CY14B116K Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
CY14B116K-ZS25XI CYPRESS-CY14B116K-ZS25XI Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
CY14B116K-ZS25XIT CYPRESS-CY14B116K-ZS25XIT Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
CY14B116K-ZS45XI CYPRESS-CY14B116K-ZS45XI Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
CY14B116K-ZS45XIT CYPRESS-CY14B116K-ZS45XIT Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
More results

Similar Description - CY14B116N-Z30XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108L CYPRESS-CY14B108L_11 Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14V116N CYPRESS-CY14V116N Datasheet
1Mb / 25P
   16-Mbit (1024 K 횞 16) nvSRAM
CY7C1051H CYPRESS-CY7C1051H Datasheet
436Kb / 16P
   8-Mbit (512K 횞 16) Static RAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
logo
Sharp Corporation
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
   8M (512K 횞 16, 1M 횞 8) Flash Memory
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
logo
Cypress Semiconductor
CY62167GN CYPRESS-CY62167GN Datasheet
532Kb / 19P
   16-Mbit (1M 횞 16/2M 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com