Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B116L-Z30XIT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14B116L-Z30XIT
Description  16-Mbit (2048K8/1024K16/512K32) nvSRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B116L-Z30XIT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14B116L-Z30XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B116L-Z30XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B116L-Z30XIT Datasheet HTML 9Page - Cypress Semiconductor CY14B116L-Z30XIT Datasheet HTML 10Page - Cypress Semiconductor CY14B116L-Z30XIT Datasheet HTML 11Page - Cypress Semiconductor CY14B116L-Z30XIT Datasheet HTML 12Page - Cypress Semiconductor CY14B116L-Z30XIT Datasheet HTML 13Page - Cypress Semiconductor CY14B116L-Z30XIT Datasheet HTML 14Page - Cypress Semiconductor CY14B116L-Z30XIT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
CY14B116L/CY14B116N/CY14B116S
CY14E116L/CY14E116N/CY14E116S
Document Number: 001-67793 Rev. *N
Page 11 of 37
Table 1. Mode Selection
CE[10]
WE
OE
BLE, BHE / BA, BB, BC, BD[11]
A15 - A0[12]
Mode
I/O
Power
H
X
X
X
X
Not selected
Output High Z
Standby
L
H
L
L
X
Read SRAM
Output Data
Active
L
L
X
L
X
Write SRAM
Input Data
Active
L
H
L
X
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x8B45
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
AutoStore
Disable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active[13]
L
H
L
X
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x4B46
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
AutoStore
Enable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active[13]
L
H
L
X
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x8FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active ICC2[13]
L
H
L
X
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x4C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active[13]
Notes
10. The TSOP II package is offered in single CE. TSOP I, and BGA packages are offered in dual CE options. In this datasheet, for a dual CE device, CE refers to the
internal logical combination of CE1 and CE2 such that when CE1 is LOW and CE2 is HIGH, CE is LOW. For all other cases CE is HIGH. Intermediate voltage levels
are not permitted on any of the chip enable pins (CE for the single chip enable device; CE1 and CE2 for the dual chip enable device).
11. BLE, BHE are applicable for the ×16 configuration and BA, BB, BC, BD are applicable for the ×32 configuration only.
12. While there are 21 address lines on the CY14X116L (20 address lines on the CY14X116N and 19 address lines on the CY14X116S), only 13 address lines (A14–A2)
are used to control software modes. The remaining address lines are don’t care.
13. The six consecutive address locations must be in the order listed. WE must be HIGH during all six cycles to enable a nonvolatile operation.


Similar Part No. - CY14B116L-Z30XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B116K CYPRESS-CY14B116K Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
CY14B116K-ZS25XI CYPRESS-CY14B116K-ZS25XI Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
CY14B116K-ZS25XIT CYPRESS-CY14B116K-ZS25XIT Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
CY14B116K-ZS45XI CYPRESS-CY14B116K-ZS45XI Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
CY14B116K-ZS45XIT CYPRESS-CY14B116K-ZS45XIT Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
More results

Similar Description - CY14B116L-Z30XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108L CYPRESS-CY14B108L_11 Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14V116N CYPRESS-CY14V116N Datasheet
1Mb / 25P
   16-Mbit (1024 K 횞 16) nvSRAM
CY7C1051H CYPRESS-CY7C1051H Datasheet
436Kb / 16P
   8-Mbit (512K 횞 16) Static RAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
logo
Sharp Corporation
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
   8M (512K 횞 16, 1M 횞 8) Flash Memory
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
logo
Cypress Semiconductor
CY62167GN CYPRESS-CY62167GN Datasheet
532Kb / 19P
   16-Mbit (1M 횞 16/2M 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com