Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14V116N-BZ45XI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY14V116N-BZ45XI
Description  16-Mbit (1024 K 횞 16) nvSRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14V116N-BZ45XI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY14V116N-BZ45XI Datasheet HTML 5Page - Cypress Semiconductor CY14V116N-BZ45XI Datasheet HTML 6Page - Cypress Semiconductor CY14V116N-BZ45XI Datasheet HTML 7Page - Cypress Semiconductor CY14V116N-BZ45XI Datasheet HTML 8Page - Cypress Semiconductor CY14V116N-BZ45XI Datasheet HTML 9Page - Cypress Semiconductor CY14V116N-BZ45XI Datasheet HTML 10Page - Cypress Semiconductor CY14V116N-BZ45XI Datasheet HTML 11Page - Cypress Semiconductor CY14V116N-BZ45XI Datasheet HTML 12Page - Cypress Semiconductor CY14V116N-BZ45XI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
CY14V116N
Document #: 001-75791 Rev. *H
Page 9 of 25
Preventing AutoStore
The AutoStore function is disabled by initiating an AutoStore
disable sequence. A sequence of read operations is performed
in a manner similar to the Software STORE initiation. To initiate
the AutoStore disable sequence, the following sequence of CE
or OE controlled read operations must be performed:
1. Read address 0x4E38 Valid Read
2. Read address 0xB1C7 Valid Read
3. Read address 0x83E0 Valid Read
4. Read address 0x7C1F Valid Read
5. Read address 0x703F Valid Read
6. Read address 0x8B45 AutoStore Disable
AutoStore is re-enabled by initiating an AutoStore enable
sequence. A sequence of read operations is performed in a
manner similar to the software RECALL initiation. To initiate the
AutoStore enable sequence, the following sequence of CE or OE
controlled read operations must be performed:
1. Read address 0x4E38 Valid Read
2. Read address 0xB1C7 Valid Read
3. Read address 0x83E0 Valid Read
4. Read address 0x7C1F Valid Read
5. Read address 0x703F Valid Read
6. Read address 0x4B46 AutoStore Enable
If the AutoStore function is disabled or re-enabled, a manual
software STORE operation must be performed to save the
AutoStore state through subsequent power-down cycles. The
part comes from the factory with AutoStore enabled and 0x00
written in all cells.
Data Protection
The CY14V116N protects data from corruption during
low-voltage conditions by inhibiting all externally initiated
STORE and write operations. The low-voltage condition is
detected when VCC is less than VSWITCH. If the CY14V116N is
in a Write mode at power-up (both CE and WE are LOW), after
a RECALL or STORE, the write is inhibited until the SRAM is
enabled after tLZHSB (HSB to output active). When VCC < VIODIS,
I/Os are disabled (no STORE takes place). This protects against
inadvertent writes during power-up or brown out conditions.


Similar Part No. - CY14V116N-BZ45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14V116F7 CYPRESS-CY14V116F7 Datasheet
1Mb / 32P
   16-Mbit nvSRAM with Asynchronous NAND Interface
CY14V116G7 CYPRESS-CY14V116G7 Datasheet
1Mb / 32P
   16-Mbit nvSRAM with Asynchronous NAND Interface
CY14V116G7-BZ30XI CYPRESS-CY14V116G7-BZ30XI Datasheet
1Mb / 32P
   16-Mbit nvSRAM with Asynchronous NAND Interface
CY14V116G7-BZ30XIT CYPRESS-CY14V116G7-BZ30XIT Datasheet
1Mb / 32P
   16-Mbit nvSRAM with Asynchronous NAND Interface
More results

Similar Description - CY14V116N-BZ45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108L CYPRESS-CY14B108L_11 Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14B116K CYPRESS-CY14B116K Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K_12 Datasheet
1Mb / 34P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM with Real Time Clock
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B116L CYPRESS-CY14B116L Datasheet
3Mb / 37P
   16-Mbit (2048K 횞 8/1024K 횞 16/512K 횞 32) nvSRAM
CY14B104K CYPRESS-CY14B104K_12 Datasheet
1Mb / 34P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA_12 Datasheet
707Kb / 34P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com