Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74LVX4052DR2 Datasheet(PDF) 10 Page - ON Semiconductor

Part No. MC74LVX4052DR2
Description  Analog Multiplexer/ Demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX4052DR2 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC74LVX4052DR2 Datasheet HTML 6Page - ON Semiconductor MC74LVX4052DR2 Datasheet HTML 7Page - ON Semiconductor MC74LVX4052DR2 Datasheet HTML 8Page - ON Semiconductor MC74LVX4052DR2 Datasheet HTML 9Page - ON Semiconductor MC74LVX4052DR2 Datasheet HTML 10Page - ON Semiconductor MC74LVX4052DR2 Datasheet HTML 11Page - ON Semiconductor MC74LVX4052DR2 Datasheet HTML 12Page - ON Semiconductor MC74LVX4052DR2 Datasheet HTML 13Page - ON Semiconductor MC74LVX4052DR2 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC74LVX4052
http://onsemi.com
10
Figure 18. Power Dissipation Capacitance, Test Set–Up
ON/OFF
12
VCC
NC
OFF/ON
10 – 11,
13 – 14
Channel
Select
15
VIL
VCC
A
Figure 19. Total Harmonic Distortion, Test Set–Up
6
7
8
9–11
HP3466
DMM
16
50 K
W
)V
COM
HP3466
DMM
)V
COM
HP E3630A
DC Pwr Supply
COM
)20 V *20 V
HP 339
Distortion Measurement Set
Analyzer
Input
COM
Oscillator
Output
COM
RL
CL
ON
OFF
Channel Selects connected
to DC bias supply or ground
and appropriately configured
to test each switch.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn