Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14V116G7 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY14V116G7
Description  16-Mbit nvSRAM with Asynchronous NAND Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14V116G7 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY14V116G7 Datasheet HTML 1Page - Cypress Semiconductor CY14V116G7 Datasheet HTML 2Page - Cypress Semiconductor CY14V116G7 Datasheet HTML 3Page - Cypress Semiconductor CY14V116G7 Datasheet HTML 4Page - Cypress Semiconductor CY14V116G7 Datasheet HTML 5Page - Cypress Semiconductor CY14V116G7 Datasheet HTML 6Page - Cypress Semiconductor CY14V116G7 Datasheet HTML 7Page - Cypress Semiconductor CY14V116G7 Datasheet HTML 8Page - Cypress Semiconductor CY14V116G7 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
CY14V116F7
CY14V116G7
Document Number: 001-75528 Rev. *K
Page 4 of 32
Pin Configurations
Figure 1. Single-Channel (×8) Pin Diagram: 165-ball FBGA
1
2
3
4
5
6
7
8
9
10
11
A
R
R
RNC
NC
NC
NC
NCR
R
R
B
R
R
RNC
NC
NC
NC
NCR
R
R
C
RVCCQ
VCCQ
NC
VSS
NC
VCC
NC
VCCQ
VCCQ
R
D
RVSS
NC
VSS
NC
NC
NC
VSS
NC
VSS
R
E
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
F
NC
VSS
VCCQ
NC
NC
NC
NC
NC
VCCQ
VSS
NC
G
NC
NC
NC
NC
R
NC
NC
NC
NC
HSB
NC
H
NC
VSS
VCC
R/B
NC
NC
NC
NC
VCC
VSS
NC
J
NC
VCAP
NC
CE
NC
NC
NC
WP
RNC
NC
K
NC
VSS
VCCQ
NC
NC
NC
CLE
ALE
VCCQ
VSS
NC
L
NC
DQ7
DQ6
NC
WE
NC
NC
NC
DQ1
DQ0
NC
M
RVSS
DQ5
VSS
RE
NC
NC
VSS
DQ2
VSS
R
N
RVCCQ
VCCQ
DQ4
VCC
NC
VSS
DQ3
VCCQ
VCCQ
R
P
R
R
RNC
NC
NC
NC
NCR
R
R
R
R
R
RNC
NC
NC
NC
NCR
R
R
Figure 2. Single-Channel (×16) Pin Diagram: 165-ball FBGA
1
2
3
4
5
6
7
8
9
10
11
A
R
R
RNC
NC
NC
NC
NCR
R
R
B
R
R
RNC
NC
NC
NC
NCR
R
R
C
RVCCQ
VCCQ
DQ11
VSS
NC
VCC
DQ12
VCCQ
VCCQ
R
D
RVSS
DQ10
VSS
NC
NC
NC
VSS
DQ13
VSS
R
E
NC
DQ8
DQ9
NC
NC
NC
NC
NC
DQ14
DQ15
NC
F
NC
VSS
VCCQ
NC
NC
NC
NC
NC
VCCQ
VSS
NC
G
NC
NC
NC
NC
R
NC
NC
NC
NC
HSB
NC
H
NC
VSS
VCC
R/B
NC
NC
NC
NC
VCC
VSS
NC
J
NC
VCAP
NC
CE
NC
NC
NC
WP
RNC
NC
K
NC
VSS
VCCQ
NC
NC
NC
CLE
ALE
VCCQ
VSS
NC
L
NC
DQ7
DQ6
NC
WE
NC
NC
NC
DQ1
DQ0
NC
M
RVSS
DQ5
VSS
RE
NC
NC
VSS
DQ2
VSS
R
N
RVCCQ
VCCQ
DQ4
VCC
NC
VSS
DQ3
VCCQ
VCCQ
R
P
R
R
RNC
NC
NC
NC
NCR
R
R
R
R
R
RNC
NC
NC
NC
NCR
R
R


Similar Part No. - CY14V116G7

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14V116N CYPRESS-CY14V116N Datasheet
1Mb / 25P
   16-Mbit (1024 K 횞 16) nvSRAM
CY14V116N-BZ30XI CYPRESS-CY14V116N-BZ30XI Datasheet
1Mb / 25P
   16-Mbit (1024 K 횞 16) nvSRAM
CY14V116N-BZ45XI CYPRESS-CY14V116N-BZ45XI Datasheet
1Mb / 25P
   16-Mbit (1024 K 횞 16) nvSRAM
More results

Similar Description - CY14V116G7

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14V116N CYPRESS-CY14V116N Datasheet
1Mb / 25P
   16-Mbit (1024 K 횞 16) nvSRAM
logo
STMicroelectronics
M68AR024D STMICROELECTRONICS-M68AR024D Datasheet
145Kb / 19P
   16 Mbit 1M x16 1.8V Asynchronous SRAM
M69AW024B STMICROELECTRONICS-M69AW024B Datasheet
429Kb / 29P
   16 Mbit (1M x16) 3V Asynchronous PSRAM
September 2004
M69AW024BE STMICROELECTRONICS-M69AW024BE Datasheet
324Kb / 25P
   16 Mbit (1M x16) 3V Asynchronous PSRAM
logo
List of Unclassifed Man...
N551C161 ETC2-N551C161 Datasheet
470Kb / 6P
   16-Mbit Mask ROM with interface with Nuvoton PowerSpeech
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
logo
Intel Corporation
28F016XD INTEL-28F016XD Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
logo
Cypress Semiconductor
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com