Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14E116S Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY14E116S
Description  16-Mbit (2048K8/1024K16/512K32) nvSRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E116S Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY14E116S Datasheet HTML 6Page - Cypress Semiconductor CY14E116S Datasheet HTML 7Page - Cypress Semiconductor CY14E116S Datasheet HTML 8Page - Cypress Semiconductor CY14E116S Datasheet HTML 9Page - Cypress Semiconductor CY14E116S Datasheet HTML 10Page - Cypress Semiconductor CY14E116S Datasheet HTML 11Page - Cypress Semiconductor CY14E116S Datasheet HTML 12Page - Cypress Semiconductor CY14E116S Datasheet HTML 13Page - Cypress Semiconductor CY14E116S Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
CY14B116L/CY14B116N/CY14B116S
CY14E116L/CY14E116N/CY14E116S
Document Number: 001-67793 Rev. *N
Page 10 of 37
Sleep Mode
In Sleep mode, the device consumes the lowest power supply
current (IZZ). The device enters a low-power Sleep mode after
asserting the ZZ pin LOW. After the Sleep mode is registered,
the nvSRAM does a STORE operation to secure the data to the
nonvolatile memory and then enters the low-power mode. The
device starts consuming IZZ current after tSLEEP time from the
instance when the sleep mode is initiated. When the ZZ pin is
LOW, all input pins are ignored except the ZZ pin. The nvSRAM
is not accessible for normal operations while it is in sleep mode.
When the ZZ pin is de-asserted (HIGH), there is a delay tWAKE
before the user can access the device. If sleep mode is not used,
the ZZ pin should be tied to VCC.
Note When nvSRAM enters sleep mode, it initiates a nonvolatile
STORE cycle, which results in losing one endurance cycle for
every Sleep mode entry unless data has not been written to the
nvSRAM since the last nonvolatile STORE/RECALL operation.
Note If the ZZ pin is LOW during power-up, the device will not be
in Sleep mode. However, the I/Os are in tristate until the ZZ pin
is de-asserted (HIGH).
Figure 9. Sleep Mode (ZZ) Flow Diagram
Device Ready
Active Mode
(ICC)
Standby Mode
(ISB)
Sleep Routine
Sleep Mode
(IZZ)
After tSLEEP
CE = LOW; ZZ = HIGH
CE = LOW
CE = HIGH; ZZ = HIGH
ZZ = LOW
ZZ = LOW
CE = Don’t Care
ZZ = HIGH
CE = HIGH
ZZ = HIGH
ZZ = HIGH
Power Applied
After tHRECALL
After tWAKE


Similar Part No. - CY14E116S

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E101I CYPRESS-CY14E101I Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXI CYPRESS-CY14E101I-SFXI Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXI CYPRESS-CY14E101I-SFXI Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXIT CYPRESS-CY14E101I-SFXIT Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXIT CYPRESS-CY14E101I-SFXIT Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
More results

Similar Description - CY14E116S

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108L CYPRESS-CY14B108L_11 Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14V116N CYPRESS-CY14V116N Datasheet
1Mb / 25P
   16-Mbit (1024 K 횞 16) nvSRAM
CY7C1051H CYPRESS-CY7C1051H Datasheet
436Kb / 16P
   8-Mbit (512K 횞 16) Static RAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
logo
Sharp Corporation
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
   8M (512K 횞 16, 1M 횞 8) Flash Memory
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
logo
Cypress Semiconductor
CY62167GN CYPRESS-CY62167GN Datasheet
532Kb / 19P
   16-Mbit (1M 횞 16/2M 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com