Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8CTMA768AS-23 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8CTMA768AS-23
Description  Automotive TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CTMA768AS-23 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8CTMA768AS-23 Datasheet HTML 1Page - Cypress Semiconductor CY8CTMA768AS-23 Datasheet HTML 2Page - Cypress Semiconductor CY8CTMA768AS-23 Datasheet HTML 3Page - Cypress Semiconductor CY8CTMA768AS-23 Datasheet HTML 4Page - Cypress Semiconductor CY8CTMA768AS-23 Datasheet HTML 5Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 001-94115 Rev. *B
Page 3 of 5
SUMMARY
CY8CTMA1036/768/460
Ordering Code Definitions
CY
8C
TMA XXXX XX
Y
Z
T
Company ID: CY = Cypress
Marketing Code: 8 = PSoC
Technology Code: C = CMOS
Family Code: TMA = Multi-Touch All-Points Controller
Sub-family Code:
460 = 48 I/Os
768 = 56 I/Os
1036 = 65 I/Os
Number of Fingers (Z):
0 = Reserved
3 = 10
T = Tape and Reel
Feature Set (Y):
0 = Reserved
1 = Low-Cost System
2 = Gestures
3 = Base part (10-V TX + External Display Sync) + Gestures
Qualification and Temperature Range: X = A or S
A = Automotive-qualified = –40 °C < TA < +85 °C
S = Automotive-qualified = –40 °C < TA < +105 °C
Package Type
A = 100-pin TQFP


Similar Part No. - CY8CTMA768AS-23

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CTMA120 CYPRESS-CY8CTMA120 Datasheet
981Kb / 35P
   TrueTouch??Multi-Touch All-Point Touchscreen Controller
CY8CTMA120-00AXI CYPRESS-CY8CTMA120-00AXI Datasheet
981Kb / 35P
   TrueTouch??Multi-Touch All-Point Touchscreen Controller
CY8CTMA120-56LFXI CYPRESS-CY8CTMA120-56LFXI Datasheet
981Kb / 35P
   TrueTouch??Multi-Touch All-Point Touchscreen Controller
CY8CTMA120-56LFXIT CYPRESS-CY8CTMA120-56LFXIT Datasheet
981Kb / 35P
   TrueTouch??Multi-Touch All-Point Touchscreen Controller
More results

Similar Description - CY8CTMA768AS-23

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYTMA525A CYPRESS-CYTMA525A Datasheet
291Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA448 CYPRESS-CYTMA448 Datasheet
304Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA545 CYPRESS-CYTMA545 Datasheet
314Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA568 CYPRESS-CYTMA568 Datasheet
378Kb / 4P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA445A CYPRESS-CYTMA445A Datasheet
437Kb / 4P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTMA525 CYPRESS-CYTMA525 Datasheet
302Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller
CYTT21XXX CYPRESS-CYTT21XXX Datasheet
192Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller Datasheet
CYTMA445 CYPRESS-CYTMA445 Datasheet
198Kb / 3P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller Datasheet
CYTT21X CYPRESS-CYTT21X Datasheet
326Kb / 4P
   TrueTouch짰 Multi-Touch All-Points Touchscreen Controller Datasheet
CY8CTMA120 CYPRESS-CY8CTMA120 Datasheet
981Kb / 35P
   TrueTouch??Multi-Touch All-Point Touchscreen Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com