Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8CMBR2010-24LQXIT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8CMBR2010-24LQXIT
Description  CapSense짰 Express??10-Button Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CMBR2010-24LQXIT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8CMBR2010-24LQXIT Datasheet HTML 1Page - Cypress Semiconductor CY8CMBR2010-24LQXIT Datasheet HTML 2Page - Cypress Semiconductor CY8CMBR2010-24LQXIT Datasheet HTML 3Page - Cypress Semiconductor CY8CMBR2010-24LQXIT Datasheet HTML 4Page - Cypress Semiconductor CY8CMBR2010-24LQXIT Datasheet HTML 5Page - Cypress Semiconductor CY8CMBR2010-24LQXIT Datasheet HTML 6Page - Cypress Semiconductor CY8CMBR2010-24LQXIT Datasheet HTML 7Page - Cypress Semiconductor CY8CMBR2010-24LQXIT Datasheet HTML 8Page - Cypress Semiconductor CY8CMBR2010-24LQXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
CY8CMBR2010
Document Number: 001-74495 Rev. *D
Page 3 of 33
Pinout
Table 1. Pin Diagram and Definitions – CY8CMBR2010
Pin
Label
Type [2]
Description
If Unused
1
CS1
AI
CapSense button input, controls GPO1 Ground
2
CS0
AI
CapSense button input, controls GPO0 Ground
3
GPO0
DO
GPO activated by CS0
Leave open
4
GPO1
DO
GPO activated by CS1
Leave open
5
GPO2
DO
GPO activated by CS2
Leave open
6
GPO3
DO
GPO activated by CS3
Leave open
7
GPO4
DO
GPO activated by CS4
Leave open
8
Backlighting
DO
GPO controlled by CS0–CS9 when
analog output voltage is enabled
Leave open
9
LEDFading
AI
Controls the Power-on LED effects and
Analog Voltage Output
Leave open
10 CS0Sensitivity AI
Controls the Sensitivity and Debounce
values of CS0
Ground
11 Delay
AI
Controls the LED ON time and serial
debug data out
Ground
12 VSS
P
Ground
N/A
13 Toggle/FSS
AI
Controls the enabling/disabling of
Toggle ON/OFF and FSS
Ground
14 ARST/EMC
AI
Controls the Button Auto Reset period,
enabling / disabling Noise Immunity
technique
Ground
15 ScanRate/
Sleep
DI
Controls the button scan rate
Ground
16 GPO5
DO
GPO activated by CS5
Leave open
17 XRES
DI
Device reset, active high input, with
internal pull down
Leave open
18 GPO6
DO
GPO activated by CS6
Leave open
19 GPO7
DO
GPO activated by CS7
Leave open
20 GPO8
DO
GPO activated by CS8
Leave open
21 GPO9
DO
GPO activated by CS9
Leave open
22 CS9
AI
CapSense button input, controls GPO9 Ground
23 CS8
AI
CapSense button input, controls GPO8 Ground
24 CS7
AI
CapSense button input, controls GPO7 Ground
25 CS6
AI
CapSense button input, controls GPO6 Ground
26 CS5
AI
CapSense button input, controls GPO5 Ground
27 CS4
AI
CapSense button input, controls GPO4 Ground
28 VDD
PPower
N/A
29 CS3
AI
CapSense button input, controls GPO3 Ground
30 CS2
AI
CapSense button input, controls GPO2 Ground
31 CMOD
AI
External modulator capacitor,
recommended value 2.2 nF (±10%)
N/A
32 VSS
P
Ground
N/A
CY8CMBR2010
QFN
(Top View )
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
CS 0
CS 1
CS 7
CS 8
CS 9
GPO 0
GPO 1
GPO 2
GPO 4
GPO 6
GPO 7
GPO 8
GPO 9
XRES
Backlighting
GPO 3
Note
2. AI – Analog Input; DI – Digital Input; DO – Digital Output; P – Power


Similar Part No. - CY8CMBR2010-24LQXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CMBR2010-24LQXIT CYPRESS-CY8CMBR2010-24LQXIT Datasheet
1Mb / 31P
   CapSense짰 Express??10-Button Controller
More results

Similar Description - CY8CMBR2010-24LQXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CMBR2110 CYPRESS-CY8CMBR2110_13 Datasheet
1Mb / 71P
   CapSense짰 Express??10-Button Controller
CY8CMBR2010 CYPRESS-CY8CMBR2010_12 Datasheet
1Mb / 31P
   CapSense짰 Express??10-Button Controller
CY8CMBR2110 CYPRESS-CY8CMBR2110 Datasheet
1Mb / 68P
   CapSense짰 Express??10-Button Controller
CY8CMBR2016 CYPRESS-CY8CMBR2016 Datasheet
1Mb / 28P
   CapSense짰 Express??16 Button Matrix Controller
CY8C20110 CYPRESS-CY8C20110_13 Datasheet
1Mb / 46P
   CapSense짰 Express??Button Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_12 Datasheet
1Mb / 43P
   CapSense짰 Express??Button Capacitive Controllers
CY8CMBR2044 CYPRESS-CY8CMBR2044_12 Datasheet
1,013Kb / 29P
   Four Button CapSense짰 Controller
CY8C20111 CYPRESS-CY8C20111_12 Datasheet
1Mb / 44P
   CapSense짰 Express????One Button and Two Button Capacitive Controllers
CY8C201A0 CYPRESS-CY8C201A0_12 Datasheet
1Mb / 38P
   CapSense짰 Express??Slider Capacitive Controllers
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com