Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRD42528-2 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CRD42528-2
Description  Reference Design for the CS49300 and CS42528
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CRD42528-2 Datasheet(HTML) 5 Page - Cirrus Logic

  CRD42528-2 Datasheet HTML 1Page - Cirrus Logic CRD42528-2 Datasheet HTML 2Page - Cirrus Logic CRD42528-2 Datasheet HTML 3Page - Cirrus Logic CRD42528-2 Datasheet HTML 4Page - Cirrus Logic CRD42528-2 Datasheet HTML 5Page - Cirrus Logic CRD42528-2 Datasheet HTML 6Page - Cirrus Logic CRD42528-2 Datasheet HTML 7Page - Cirrus Logic CRD42528-2 Datasheet HTML 8Page - Cirrus Logic CRD42528-2 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5
1. QUICK START
A PC with an ECP parallel port, a stereo analog
audio source, and powered speakers are required to
use the CRD42528 in the mode specified in this
Quick Start.
1) Install the drivers supplied with the board on
the PC. Refer to “UDSP Schematics” on
page 37 for details on installing the drivers.
2) Connect the supplied parallel port cable to J46
on the UDSP MainBoard (marked P PORT)
and to the computer’s ECP parallel port.
3) Connect the analog output from an audio
source to AIO7-8 (Left and Right Inputs) The
input channels are mapped as follows:
-
AIO8 - Left
-
AIO7 - Right
-
AIO6 - Left Surround
-
AIO5 - Right Surround
-
AIO4 - Center
-
AIO3 - Subwoofer / Low Frequency Effects
(LFE)
-
AIO2 - Surround Back Left
-
AIO1 - Surround Back Right
4) Connect powered speakers to AIO15-16. The
output channels are mapped as follows (more
speakers can be connected to the line level
outputs as required by each application):
-
AIO16 - Left
-
AIO15 - Right
-
AIO14 - Left Surround
-
AIO13 - Right Surround
-
AIO12 - Center
-
AIO11 - Subwoofer or Low Frequency Ef-
fects (LFE)
-
AIO10 - Surround Back Left or Lt
-
AIO9 - Surround Back Right or Rt
5) Connect the supplied power supply to the
power connector on the board and to an
appropriate power outlet.
6) Verify that LEDs D1, D7, D9, and D11 on the
UDSP board are lit. LED D2 will flash to
indicate that the PLD on the UDSP is
functional.
7) Open a DOS window and navigate to the
C:\CS49300\CRD42528\Configs directory.
8) Type in “setpld -r 99” on the DOS prompt.
(This reads the PLD version register and
verifies that the PC can communicate with the
board). If the driver generates the error message
“!!! Board does not appear to be connected !!!”,
then your parallel port address may not be
0x378 or your port is not ECP capable. If your
parallel port address is not 0x378, depress the
reset switch S3 and type in “setpld -r 99 -p3bc”
or “setpld -r 99 -p278” to communicate using a
different parallel port address.
9) Verify that LED D1 (marked ERR) has turned
OFF, indicating that the driver has successfully
communicated with the board.
10) If the above steps give an error, refer to “UDSP
Schematics” on page 37 and verify that the
drivers and PC have been set up as described
(and that the parallel port address is correct / set
to ECP mode).
11) If the above steps give the expected results, type
in
“ a n a log_in _96k H z ” ,
“ a n a log_ in _96 kH z
-
p3 bc ” ,
or
“analog_in_96kHz
-p278”
(depending on your parallel port address) at the
DOS prompt. This batch file will configure the
PLD, boot the DSP, and configure the CS42528
for 8 channel analog processing at 96 kHz.
12) The audio data on the Left and Right Input
connectors (AIO7-8) should now be heard on
the output.
13) The batch files use various files to configure the
software, board, and the DSP code. Each batch


Similar Part No. - CRD42528-2

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD42528 CIRRUS-CRD42528 Datasheet
1Mb / 50P
   Reference Design for the
More results

Similar Description - CRD42528-2

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD42528 CIRRUS-CRD42528 Datasheet
1Mb / 50P
   Reference Design for the
logo
Zilog, Inc.
ZRD0027PLM0ZRD ZILOG-ZRD0027PLM0ZRD Datasheet
558Kb / 24P
   This reference design features the following elements
logo
STMicroelectronics
UM0925 STMICROELECTRONICS-UM0925 Datasheet
853Kb / 22P
   Using the M24LR64-R datalogger reference design
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Maxim Integrated Produc...
MAX77752EVKIT MAXIM-MAX77752EVKIT Datasheet
2Mb / 19P
   Proven PCB Reference Design and Layout
Rev 0; 10/17
MAX77324 MAXIM-MAX77324 Datasheet
880Kb / 7P
   Proven PCB Reference Design and Layout
Rev 0; 5/18
MAXREFDES117 MAXIM-MAXREFDES117 Datasheet
451Kb / 10P
   The MAXREFDES117# reference design is a low power
8/17/2016
MAX77714 MAXIM-MAX77714 Datasheet
2Mb / 20P
   Proven PCB Reference Design and Layout
Rev 0; 5/18
MAX77503AEVKIT MAXIM-MAX77503AEVKIT Datasheet
3Mb / 26P
   Proven PCB Reference Design and Layout
Rev 1; 2/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com