Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDB5571-2 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB5571-2
Description  100 kSps, 16-bit ADC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5571-2 Datasheet(HTML) 1 Page - Cirrus Logic

  CDB5571-2 Datasheet HTML 1Page - Cirrus Logic CDB5571-2 Datasheet HTML 2Page - Cirrus Logic CDB5571-2 Datasheet HTML 3Page - Cirrus Logic CDB5571-2 Datasheet HTML 4Page - Cirrus Logic CDB5571-2 Datasheet HTML 5Page - Cirrus Logic CDB5571-2 Datasheet HTML 6Page - Cirrus Logic CDB5571-2 Datasheet HTML 7Page - Cirrus Logic CDB5571-2 Datasheet HTML 8Page - Cirrus Logic CDB5571-2 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Copyright
© Cirrus Logic, Inc. 2007
(All Rights Reserved)
www.cirrus.com
CDB5571-2
100 kSps, 16-bit
∆Σ ADC
Evaluation Board
Features
Analog Input Channel to the CS5571 ADC
Pre-configured to require a minimum number of external
connections to your data acquisition system.
All functionality accessible through the connector interface
and board-level options.
On-board 4.096 V Reference
Pre-configured for Master mode SPI™ communication to a
data capture system.
General Description
The CDB5571-2 is a versatile tool designed for evaluating the func-
tionality and performance of the CS5571 ADC (Analog-to-Digital
Converter). The SPI serial port on the CDB5571-2 evaluation
board is configured in Master mode and will start transmitting data
after power-up upon reset. This evaluation board is designed to
connect to your data capture system or will interface to the
CapturePlus II data acquisition system available from Cirrus Logic.
The CS5571 delta-sigma ADC produces fully settled conversions
to full specified accuracy at 100 kSps.
All evaluation board functionality for evaluating the CS5571 ADC is
accessed through the connector interface and board-level options.
Schematics in PADS™ PowerLogic™ format are available for
download at www.cirrus.com/IndustrialSoftware.
ORDERING INFORMATION
CDB5571-2
Evaluation Board
JUN ‘07
DS791DB1
Image Coming Soon


Similar Part No. - CDB5571-2

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5504 CIRRUS-CDB5504 Datasheet
353Kb / 24P
   Low Power, 20-Bit A/D Converter
CDB5510 CIRRUS-CDB5510 Datasheet
2Mb / 22P
   Evaluation Board and Software
CDB5511 CIRRUS-CDB5511 Datasheet
2Mb / 22P
   Evaluation Board and Software
CDB5512 CIRRUS-CDB5512 Datasheet
2Mb / 22P
   Evaluation Board and Software
CDB5513 CIRRUS-CDB5513 Datasheet
2Mb / 22P
   Evaluation Board and Software
More results

Similar Description - CDB5571-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7660 AD-AD7660 Datasheet
218Kb / 20P
   16-Bit, 100 kSPS CMOS ADC
REV. 0
AD1876 AD-AD1876_15 Datasheet
158Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_15 Datasheet
430Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676JN AD-AD676JN Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676 Datasheet
388Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677 Datasheet
427Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_17 Datasheet
461Kb / 17P
   16-Bit 100 kSPS Sampling ADC
AD676KN AD-AD676KN Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD7675 AD-AD7675 Datasheet
399Kb / 20P
   16-Bit, 100 kSPS, Differential ADC
REV. 0
AD1876 AD-AD1876 Datasheet
190Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com