Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMSC-3-1 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZMSC-3-1
Description  Power Splitter/Combiner
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZMSC-3-1 Datasheet(HTML) 1 Page - Mini-Circuits

  ZMSC-3-1 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U= upper range [f
U/2 to fU]
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 4.8 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
f
L-fU
L
M
U
L
M
U
L
M
U
L
M
U
Typ. Min Typ. Min Typ. Min Typ. Max. Typ. Max. Typ. Max.
Max.
Max.
Max.
Max.
Max.
Max.
1-200
45
35
40
25
40
25
0.3
0.5
0.4
0.7
0.6
1.0
1
2
4
0.15
0.2
0.3
A
B
C
D
E
FG
H
1.50
1.13
1.00
.50
.155 2.345
.138
.987
38.10 28.70 25.40 12.70
3.94 59.56
3.51 25.07
J
K
L
M
N
P
Q
S
wt
2.50
.10
.50
1.00
--
.31
.81
.150 grams
63.50
2.54 12.70 25.40
--
7.87 20.57
3.81
60.0
ZMSC-3-1
TOTAL LOSS
5.0
5.1
5.2
5.3
5.4
5.5
0
40
80
120
160
200
FREQUENCY (MHz)
S-1(dB)
S-2(dB)
S-3(dB)
ZMSC-3-1
ISOLATION
30
36
42
48
54
60
0
40
80
120
160
200
FREQUENCY (MHz)
1-2 (dB)
1-3 (dB)
2-3 (dB)
Typical Performance Data
Maximum Ratings
Coaxial Connections
SUM PORT
S
PORT 1
1
PORT 2
2
PORT 3
3
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
1W max.
Internal Dissipation
0.375W max.
Outline Drawing
Outline Dimensions (
)
inch
mm
ZMSC-3-1+
ZMSC-3-1
3 Way-0
° 50Ω
1 to 200 MHz
Power Splitter/Combiner
REV. C
M151107
ZMSC-3-1
HY/TD/CP/AM
151020
Coaxial
CASE STYLE: P26
Connectors Model
SMA
ZMSC-3-1(+)
BRACKET (OPTION "B")
BRACKET (OPTION "BR")
Features
• rugged shielded case
Applications
• VHF
• instrumentation
• radio communication system
Freq.
(MHz)
Total Loss1
(dB)
Amp.
Unbal.
(dB)
Isolation
(dB)
Phase
Unbal.
(deg.)
VSWR
S
VSWR
1
VSWR
2
VSWR
3
S-1
S-2
S-3
1-2
1-3
2-3
ZMSC-3-1
VSWR
1.00
1.04
1.08
1.12
1.16
1.20
0
40
80
120
160
200
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
Electrical Specifications
1.00
5.09
5.09
5.10
0.01
46.35
47.66
41.10
0.06
1.11
1.09
1.09
1.09
4.00
5.02
5.02
5.02
0.01
45.95
46.40
38.74
0.07
1.06
1.04
1.03
1.04
8.00
5.03
5.04
5.03
0.01
44.98
45.00
37.47
0.09
1.04
1.02
1.02
1.02
26.00
5.06
5.06
5.06
0.00
41.67
42.34
36.29
0.19
1.03
1.02
1.02
1.02
50.00
5.08
5.08
5.08
0.00
38.76
40.53
35.80
0.43
1.04
1.02
1.02
1.02
65.00
5.10
5.10
5.11
0.01
37.43
39.67
35.68
0.53
1.05
1.03
1.02
1.02
80.00
5.10
5.11
5.12
0.02
36.35
38.96
35.64
0.64
1.05
1.03
1.02
1.02
95.00
5.13
5.13
5.14
0.01
35.50
38.55
35.78
0.79
1.06
1.04
1.02
1.02
110.00
5.15
5.14
5.16
0.02
34.89
38.39
36.01
0.90
1.06
1.04
1.02
1.02
125.00
5.16
5.15
5.18
0.02
34.50
38.52
36.51
0.95
1.07
1.04
1.02
1.02
140.00
5.16
5.16
5.18
0.03
34.28
38.84
37.29
1.08
1.07
1.05
1.02
1.02
160.00
5.17
5.17
5.21
0.04
34.27
39.90
38.89
1.17
1.08
1.05
1.02
1.02
175.00
5.18
5.20
5.23
0.05
34.50
41.29
40.75
1.29
1.08
1.05
1.02
1.02
185.00
5.19
5.21
5.25
0.06
34.78
42.35
42.20
1.31
1.09
1.05
1.02
1.02
200.00
5.23
5.24
5.29
0.06
35.36
43.22
43.31
1.48
1.10
1.05
1.01
1.02
electrical schematic
1. Total Loss = Insertion Loss + 4.8dB splitter loss.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - ZMSC-3-1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZMSC-2-1 MINI-ZMSC-2-1 Datasheet
155Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 0.1 to 400 MHz
ZMSC-2-1++ MINI-ZMSC-2-1+ Datasheet
155Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 0.1 to 400 MHz
ZMSC-2-1W MINI-ZMSC-2-1W Datasheet
154Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 1 to 650 MHz
ZMSC-2-1W++ MINI-ZMSC-2-1W+ Datasheet
154Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 1 to 650 MHz
ZMSC-2-2 MINI-ZMSC-2-2 Datasheet
151Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 0.002 to 60 MHz
More results

Similar Description - ZMSC-3-1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LRPS-2-1J MINI-LRPS-2-1J Datasheet
282Kb / 1P
   Power Splitter/Combiner
LRPS-2-11A MINI-LRPS-2-11A Datasheet
297Kb / 1P
   Power Splitter/Combiner
LRPS-2-980 MINI-LRPS-2-980 Datasheet
261Kb / 1P
   Power Splitter/Combiner
QCN-5D MINI-QCN-5D Datasheet
283Kb / 1P
   Power Splitter/Combiner
QCN-25D MINI-QCN-25D Datasheet
282Kb / 1P
   Power Splitter/Combiner
QCN-27D MINI-QCN-27D Datasheet
294Kb / 1P
   Power Splitter/Combiner
BP4U1 MINI-BP4U1 Datasheet
279Kb / 1P
   Power Splitter/Combiner
LRPS-3-850 MINI-LRPS-3-850 Datasheet
238Kb / 1P
   Power Splitter/Combiner
SBA-2-20 MINI-SBA-2-20 Datasheet
258Kb / 1P
   Power Splitter/Combiner
SBTC-2-15-75LX MINI-SBTC-2-15-75LX Datasheet
331Kb / 1P
   Power Splitter/Combiner
SBTCJ-122-75X MINI-SBTCJ-122-75X Datasheet
372Kb / 2P
   Power Splitter/Combiner
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com