Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1121 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1121
Description  1.8V, 8-Bit, 250Msps Analog-to-Digital Converter with LVDS Outputs for Wideband Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1121 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1121 Datasheet HTML 1Page - Maxim Integrated Products MAX1121 Datasheet HTML 2Page - Maxim Integrated Products MAX1121 Datasheet HTML 3Page - Maxim Integrated Products MAX1121 Datasheet HTML 4Page - Maxim Integrated Products MAX1121 Datasheet HTML 5Page - Maxim Integrated Products MAX1121 Datasheet HTML 6Page - Maxim Integrated Products MAX1121 Datasheet HTML 7Page - Maxim Integrated Products MAX1121 Datasheet HTML 8Page - Maxim Integrated Products MAX1121 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1.8V, 8-Bit, 250Msps Analog-to-Digital Converter
with LVDS Outputs for Wideband Applications
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVCC to AGND ......................................................-0.3V to +2.1V
OVCC to OGND .....................................................-0.3V to +2.1V
AVCC to OVCC .......................................................-0.3V to +2.1V
AGND to OGND ....................................................-0.3V to +0.3V
Analog Inputs to AGND ...........................-0.3V to (AVCC + 0.3V)
Digital Inputs to AGND.............................-0.3V to (AVCC + 0.3V)
REF, REFADJ to AGND............................-0.3V to (AVCC + 0.3V)
Digital Outputs to OGND .........................-0.3V to (OVCC + 0.3V)
ESD on All Pins (Human Body Model).............................±2000V
Continuous Power Dissipation (TA = +70°C)
68-Pin QFN (derate 41.7mW/°C above +70°C) .........3333mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Maximum Current into Any Pin............................................50mA
ELECTRICAL CHARACTERISTICS
(AVCC = OVCC = 1.8V, AGND = OGND = 0, fSAMPLE = 250MHz, differential sine-wave clock input drive, 0.1µF capacitor on REFIO,
internal reference, digital output pins differential RL = 100Ω ±1%, CL = 5pF, TA = TMIN to TMAX, unless otherwise noted. ≥25°C guar-
anteed by production test, <25°C guaranteed by design and characterization. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
8
Bits
Integral Nonlinearity
INL
(Note 1)
-0.6
±0.2
+0.6
LSB
Differential Nonlinearity
DNL
No missing codes (Note 1)
-0.9
±0.1
+0.9
LSB
Transfer Curve Offset
VOS
(Note 1)
-10
+10
LSB
Offset Temperature Drift
±20
µV/
°C
ANALOG INPUTS (INP, INN)
Full-Scale Input Voltage Range
VFS
(Note 1)
1100
1250
1375
mVP-P
Full-Scale Range Temperature
Drift
130
ppm/
°C
Common-Mode Input Range
VCM
1.38
±0.18
V
Input Capacitance
CIN
3pF
Differential Input Resistance
RIN
3.00
4.4
6.5
k
Full-Power Analog Bandwidth
FPBW
Figure 8
600
MHz
REFERENCE (REFIO, REFADJ)
Reference Output Voltage
VREFIO
1.18
1.24
1.30
V
Reference Temperature Drift
90
ppm/
°C
REFADJ Input High Voltage
VREFADJ
Used to disable the internal reference
AVCC -
0.3
V
SAMPLING CHARACTERISTICS
Maximum Sampling Rate
fSAMPLE
250
MHz
Minimum Sampling Rate
fSAMPLE
20
MHz


Similar Part No. - MAX1121

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1121 MAXIM-MAX1121 Datasheet
427Kb / 20P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 2; 6/05
MAX1121 MAXIM-MAX1121 Datasheet
395Kb / 21P
   1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1121 MAXIM-MAX1121 Datasheet
740Kb / 21P
   1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1121 MAXIM-MAX1121 Datasheet
790Kb / 21P
   1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
MAX11210 MAXIM-MAX11210 Datasheet
2Mb / 27P
   24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO
Rev 0; 6/10
More results

Similar Description - MAX1121

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1121 MAXIM-MAX1121_V01 Datasheet
310Kb / 17P
   1.8V, 8-Bit, 250Msps Analog-to-Digital Converter with LVDS Outputs for Wideband Applications
2008
MAX1124 MAXIM-MAX1124_V01 Datasheet
239Kb / 17P
   1.8V, 10-Bit, 250Msps Analog-to-Digital Converter with LVDS Outputs for Wideband Applications
2008
MAX1124 MAXIM-MAX1124 Datasheet
437Kb / 17P
   1.8V, 10-Bit, 250Msps Analog-to-Digital Converter with LVDS Outputs for Wideband Applications
Rev 1; 2/04
MAX1123 MAXIM-MAX1123_V01 Datasheet
259Kb / 17P
   1.8V, 10-Bit, 210Msps Analog-to-Digital Converter with LVDS Outputs for Wideband Applications
2008
MAX1123 MAXIM-MAX1123 Datasheet
435Kb / 17P
   1.8V, 10-Bit, 210Msps Analog-to-Digital Converter with LVDS Outputs for Wideband Applications
Rev 1; 2/04
MAX1122 MAXIM-MAX1122_V01 Datasheet
206Kb / 17P
   1.8V, 10-Bit, 170Msps Analog-to-Digital Converter with LVDS Outputs for Wideband Applications
2008
MAX1122EGK MAXIM-MAX1122EGK Datasheet
206Kb / 17P
   1.8V, 10-Bit, 170Msps Analog-to-Digital Converter with LVDS Outputs for Wideband Applications
Rev 2; 8/08
MAX1215 MAXIM-MAX1215 Datasheet
332Kb / 20P
   1.8V, 12-Bit, 250Msps ADC for Broadband Applications
2006
logo
Texas Instruments
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com