Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE-W28TS42001 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part No. PE-W28TS42001
Description  WR-28 to WR-42 Waveguide Transition 2 Inch Length, UG-599/U Square Cover Flange to UG-595/U Square Cover Flange
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PE-W28TS42001 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• WR-28 to WR-42 waveguide
WR-28 waveguide UG-599/U flange
WR-42 waveguide UG-595/U flange
Gold plated finish
Precision manufactured
Applications
Radar Systems
Military and Space
Wireless Radio Systems
Telecom Infrastructure
Communication Systems
R&D Labs
Microwave Radio Systems
.
Description
The PE-W28TS42001 is part of Pasternack’s family of Waveguide Transitions (also sometimes called waveguide adapters)
used as a means of propagating RF/Microwave energy from one waveguide size to another. The PE-W28TS42001 allows the
waveguide to change from a WR-28 waveguide (using a UG-599/U flange) to a WR-42 waveguide (using a UG-595/U flange.)
The waveguide body has a plated gold finish.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
VSWR
1.2:1
Insertion Loss
1
dB
.
Mechanical Specifications
Size
Length
2 in [50.8 mm]
.
Weight
0.17 lbs [77.11 g]
.
Description
Flange 1
Waveguide
Flange 2
Designation
UG-599/U
WR-28 to WR-42
UG-595/U
Flange Type
Square Cover
Square Cover
Material
Brass
Brass
Brass
Plating
Gold
Gold
Gold
Plating Specification
ASTMB488
ASTMB488
ASTMB488
Finish
Gold
Gold
Gold
...
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
PE-W28TS42001 REV 1.0
PE-W28TS42001
WR-28 to WR-42 Waveguide Transition 2 Inch Length, UG-
599/U Square Cover Flange to UG-595/U Square Cover Flange
Waveguide Transitions Technical Data Sheet
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-28 to WR-42 Waveguide Transition 2 Inch Length, UG-599/U Square Cover Flange to
UG-595/U Square Cover Flange PE-W28TS42001


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn