Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE-W28TS42001 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part No. PE-W28TS42001
Description  WR-28 to WR-42 Waveguide Transition 2 Inch Length, UG-599/U Square Cover Flange to UG-595/U Square Cover Flange
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PE-W28TS42001 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
-55
-45
-35
-25
-15
-5
5
21
22
22
23
23
24
24
25
25
26
26
27
0 dB
21 GHz
WR-28 from Cut-Off Frequency
Insertion Loss (dB)
Return Loss (dB)
WR-28 to WR-42 Waveguide Transition 2 Inch Length, UG-599/U Square Cover Flange to UG-595/U Square Cover Flange
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-28 to WR-42 Waveguide Transition 2 Inch Length, UG-599/U Square Cover Flange to UG-
595/U Square Cover Flange PE-W28TS42001
URL: http://www.pasternack.com/wr28-wr42-waveguide-transition-ug599-square-cover-ug595-pe-w28ts42001-p.aspx
PE-W28TS42001 REV 1.0
PE-W28TS42001
Waveguide Transitions Technical Data Sheet
WR-28 to WR-42 Waveguide Transition 2 Inch Length, UG-
599/U Square Cover Flange to UG-595/U Square Cover Flange


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn