Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE-W28TS42001 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part No. PE-W28TS42001
Description  WR-28 to WR-42 Waveguide Transition 2 Inch Length, UG-599/U Square Cover Flange to UG-595/U Square Cover Flange
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PE-W28TS42001 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Plotted and Other Data
Notes:
Typical VSWR/Return Loss data taken with load.
Typical insertion loss data taken for two parts in series. The WR-42 flanges are connected together and the WR-28
flanges are connected to the test equipment.
Typical Performance Data
-70
-60
-50
-40
-30
-20
-10
0
27
28
30
31
33
34
36
37
39
40
0 dB
26.5 GHz
WR-28 to WR-42
Return Loss (dB)
-2
-1.75
-1.5
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
27
28
30
31
33
34
36
37
39
40
0 dB
26.5 GHz
WR-28 to WR-42
Insertion Loss (dB)
PE-W28TS42001 REV 1.0
PE-W28TS42001
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-28 to WR-42 Waveguide Transition 2 Inch Length, UG-599/U Square Cover Flange to
UG-595/U Square Cover Flange PE-W28TS42001
WR-28 to WR-42 Waveguide Transition 2 Inch Length, UG-
599/U Square Cover Flange to UG-595/U Square Cover Flange
Waveguide Transitions Technical Data Sheet


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn