Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-W22TW1002 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE-W22TW1002
Description  WR-22 45 Degree Left-hand Waveguide Twist With a UG-383/U Flange Operating From 33 GHz to 50 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W22TW1002 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE-W22TW1002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W22TW1002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W22TW1002 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
PE-W22TW1002 CAD Drawing
WR-22 45 Degree Left-hand Waveguide Twist With a UG-
383/U Flange Operating From 33 GHz to 50 GHz
PE-W22TW1002 REV 1.0


Similar Part No. - PE-W22TW1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W22TW1001 PASTERNACK-PE-W22TW1001 Datasheet
405Kb / 3P
   WR-22 90 Degree Waveguide Twist With a UG-383/U Flange Operating From 33 GHz to 50 GHz
PE-W22TW1003 PASTERNACK-PE-W22TW1003 Datasheet
412Kb / 3P
   WR-22 45 Degree Right-hand Waveguide Twist With a UG-383/U Flange Operating From 33 GHz to 50 GHz
More results

Similar Description - PE-W22TW1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W22TW1003 PASTERNACK-PE-W22TW1003 Datasheet
412Kb / 3P
   WR-22 45 Degree Right-hand Waveguide Twist With a UG-383/U Flange Operating From 33 GHz to 50 GHz
PE-W22TW1001 PASTERNACK-PE-W22TW1001 Datasheet
405Kb / 3P
   WR-22 90 Degree Waveguide Twist With a UG-383/U Flange Operating From 33 GHz to 50 GHz
PE-W19TW1002 PASTERNACK-PE-W19TW1002 Datasheet
413Kb / 3P
   WR-19 45 Degree Left-hand Waveguide Twist With a UG-383/U-Mod Flange Operating From 40 GHz to 60 GHz
PE-W15TW1002 PASTERNACK-PE-W15TW1002 Datasheet
412Kb / 3P
   WR-15 45 Degree Left-hand Waveguide Twist With a UG-385/U Flange Operating From 50 GHz to 75 GHz
PE-W42TW1002 PASTERNACK-PE-W42TW1002 Datasheet
391Kb / 3P
   WR-42 45 Degree Left-hand Waveguide Twist With a UG-595/U Flange Operating From 18 GHz to 26.5 GHz
PE-W12TW1002 PASTERNACK-PE-W12TW1002 Datasheet
413Kb / 3P
   WR-12 45 Degree Left-hand Waveguide Twist With a UG-387/U Flange Operating From 60 GHz to 90 GHz
PE-W19TW1003 PASTERNACK-PE-W19TW1003 Datasheet
410Kb / 3P
   WR-19 45 Degree Right-hand Waveguide Twist With a UG-383/U-Mod Flange Operating From 40 GHz to 60 GHz
PE-W28TW1002 PASTERNACK-PE-W28TW1002 Datasheet
390Kb / 3P
   WR-28 45 Degree Left-hand Waveguide Twist With a UG-599/U Flange Operating From 26.5 GHz to 40 GHz
PE-W15TW1003 PASTERNACK-PE-W15TW1003 Datasheet
412Kb / 3P
   WR-15 45 Degree Right-hand Waveguide Twist With a UG-385/U Flange Operating From 50 GHz to 75 GHz
PE-W10TW1002 PASTERNACK-PE-W10TW1002 Datasheet
414Kb / 3P
   WR-10 45 Degree Left-hand Waveguide Twist With a UG-387/U-Mod Flange Operating From 75 GHz to 110 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com