Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2C2-30901211E1900 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # L2C2-30901211E1900
Description  Uniform, high-efficacy and easy-to-design array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L2C2-30901211E1900 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  L2C2-30901211E1900 Datasheet HTML 1Page - Lumileds Lighting Company L2C2-30901211E1900 Datasheet HTML 2Page - Lumileds Lighting Company L2C2-30901211E1900 Datasheet HTML 3Page - Lumileds Lighting Company L2C2-30901211E1900 Datasheet HTML 4Page - Lumileds Lighting Company L2C2-30901211E1900 Datasheet HTML 5Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PB155 LUXEON CoB Core Range (Gen 2) Product Brief 20161106 ©2016 Lumileds Holding B.V. All rights reserved.
4
LUXEON CoB Core Range (Gen 2) product performance at specified test current, T
j=85ºC (continued).
PRoduCt nomInal
CCt
mInImum
CRI [1, 2, 3]
lumInous FluX [1] (lm)
tyPICal
lumInous
EFFICaCy (lm/W)
tEst
CuRREnt
(ma)
lEs
(mm)
PaRt numBER
mInImum
tyPICal
LUXEON
CoB
1205
3000K
70
2720
2997
143
600
13
L2C2-30701205E1300
3500K
70
2720
2997
143
600
13
L2C2-35701205E1300
4000K
70
2891
3186
148
600
13
L2C2-40701205E1300
5000K
70
2891
3186
148
600
13
L2C2-50701205E1300
5700K
70
2769
3051
145
600
13
L2C2-57701205E1300
2200K
80
1936
2133
102
600
13
L2C2-22801205E1300
2700K
80
2328
2565
122
600
13
L2C2-27801205E1300
3000K
80
2450
2700
129
600
13
L2C2-30801205E1300
3500K
80
2548
2808
134
600
13
L2C2-35801205E1300
4000K
80
2634
2903
138
600
13
L2C2-40801205E1300
5000K
80
2646
2916
139
600
13
L2C2-50801205E1300
5700K
80
2527
2808
134
600
13
L2C2-57801205E1300
2200K
90
1764
1944
93
600
13
L2C2-22901205E1300
2700K
90
2034
2241
107
600
13
L2C2-27901205E1300
3000K
90
2107
2322
111
600
13
L2C2-30901205E1300
3500K
90
2178
2400
114
600
13
L2C2-35901205E1300
4000K
90
2279
2511
120
600
13
L2C2-40901205E1300
LUXEON
CoB
1208
3000K
70
4024
4496
143
900
15
L2C2-30701208E1500
3500K
70
4024
4496
143
900
15
L2C2-35701208E1500
4000K
70
4278
4779
148
900
15
L2C2-40701208E1500
5000K
70
4278
4779
148
900
15
L2C2-50701208E1500
5700K
70
4096
4577
145
900
15
L2C2-57701208E1500
2200K
80
2864
3200
102
900
15
L2C2-22801208E1500
2700K
80
3444
3848
122
900
15
L2C2-27801208E1500
3000K
80
3625
4050
129
900
15
L2C2-30801208E1500
3500K
80
3770
4212
134
900
15
L2C2-35801208E1500
4000K
80
3897
4354
138
900
15
L2C2-40801208E1500
5000K
80
3915
4374
139
900
15
L2C2-50801208E1500
5700K
80
3791
4212
134
900
15
L2C2-57801208E1500
2200K
90
2610
2916
93
900
15
L2C2-22901208E1500
2700K
90
3009
3362
107
900
15
L2C2-27901208E1500
3000K
90
3118
3483
111
900
15
L2C2-30901208E1500
3500K
90
3223
3600
114
900
15
L2C2-35901208E1500
4000K
90
3371
3767
120
900
15
L2C2-40901208E1500
Notes:
1. Lumileds maintains a tolerance of ±2 on CRI and ±6.5% on luminous flux measurements.
2. Typical CRI is approximately 2 points higher than the minimum CRI specified, but this is not guaranteed.
3. R9 value of 90CRI products is >50.


Similar Part No. - L2C2-30901211E1900

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2C2-30901211E1900 LUMILEDS-L2C2-30901211E1900 Datasheet
3Mb / 28P
   Uniform, high-efficacy and easy-to-design array
More results

Similar Description - L2C2-30901211E1900

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2C5-22801202E0600 LUMILEDS-L2C5-22801202E0600 Datasheet
2Mb / 28P
   Uniform, high efficacy and easy to design array
20200726
LHC1-2780-1203 LUMILEDS-LHC1-2780-1203 Datasheet
2Mb / 13P
   Uniform, High Efficacy and Easy-to-Design Array
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
DS155 LUMILEDS-DS155 Datasheet
3Mb / 28P
   Uniform, high-efficacy and easy-to-design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
DS61 LUMILEDS-DS61 Datasheet
2Mb / 28P
   High value and easy design-in
PB061 LUMILEDS-PB061 Datasheet
1Mb / 2P
   High value and easy design-in
PB103 LUMILEDS-PB103 Datasheet
1Mb / 2P
   Brightest, most uniform and highest efficacy multi-die emitter
DS103 LUMILEDS-DS103 Datasheet
2Mb / 22P
   Brightest, most uniform and highest efficacy multi-die emitter
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
   Easy Plug-and-play Design
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com