Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2C2-40801204E1300 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # L2C2-40801204E1300
Description  Uniform, high-efficacy and easy-to-design array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L2C2-40801204E1300 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  L2C2-40801204E1300 Datasheet HTML 1Page - Lumileds Lighting Company L2C2-40801204E1300 Datasheet HTML 2Page - Lumileds Lighting Company L2C2-40801204E1300 Datasheet HTML 3Page - Lumileds Lighting Company L2C2-40801204E1300 Datasheet HTML 4Page - Lumileds Lighting Company L2C2-40801204E1300 Datasheet HTML 5Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PB155 LUXEON CoB Core Range (Gen 2) Product Brief 20161106 ©2016 Lumileds Holding B.V. All rights reserved.
3
LUXEON CoB Core Range (Gen 2) product performance at specified test current, T
j=85ºC (continued).
PRoduCt nomInal
CCt
mInImum
CRI [1, 2, 3]
lumInous FluX [1] (lm)
tyPICal
lumInous
EFFICaCy (lm/W)
tEst
CuRREnt
(ma)
lEs
(mm)
PaRt numBER
mInImum
tyPICal
LUXEON
CoB
1203
3000K
70
1332
1499
143
300
9
L2C2-30701203E0900
3500K
70
1332
1499
143
300
9
L2C2-35701203E0900
4000K
70
1416
1593
148
300
9
L2C2-40701203E0900
5000K
70
1416
1593
148
300
9
L2C2-50701203E0900
5700K
70
1356
1526
145
300
9
L2C2-57701203E0900
2200K
80
948
1067
102
300
9
L2C2-22801203E0900
2700K
80
1140
1283
122
300
9
L2C2-27801203E0900
3000K
80
1200
1350
129
300
9
L2C2-30801203E0900
3500K
80
1248
1404
134
300
9
L2C2-35801203E0900
4000K
80
1290
1451
138
300
9
L2C2-40801203E0900
5000K
80
1296
1458
139
300
9
L2C2-50801203E0900
5700K
80
1264
1404
134
300
9
L2C2-57801203E0900
2200K
90
864
972
93
300
9
L2C2-22901203E0900
2700K
90
996
1121
107
300
9
L2C2-27901203E0900
3000K
90
1032
1161
111
300
9
L2C2-30901203E0900
3500K
90
1067
1200
114
300
9
L2C2-35901203E0900
4000K
90
1116
1256
120
300
9
L2C2-40901203E0900
LUXEON
CoB
1204
3000K
70
1998
2248
143
450
13
L2C2-30701204E1300
3500K
70
1998
2248
143
450
13
L2C2-35701204E1300
4000K
70
2124
2390
148
450
13
L2C2-40701204E1300
5000K
70
2124
2390
148
450
13
L2C2-50701204E1300
5700K
70
2034
2288
145
450
13
L2C2-57701204E1300
2200K
80
1422
1600
102
450
13
L2C2-22801204E1300
2700K
80
1710
1924
122
450
13
L2C2-27801204E1300
3000K
80
1800
2025
129
450
13
L2C2-30801204E1300
3500K
80
1872
2106
134
450
13
L2C2-35801204E1300
4000K
80
1935
2177
138
450
13
L2C2-40801204E1300
5000K
80
1944
2187
139
450
13
L2C2-50801204E1300
5700K
80
1971
2190
134
450
13
L2C2-57801204E1300
2200K
90
1296
1458
93
450
13
L2C2-22901204E1300
2700K
90
1494
1681
107
450
13
L2C2-27901204E1300
3000K
90
1548
1742
111
450
13
L2C2-30901204E1300
3500K
90
1600
1800
114
450
13
L2C2-35901204E1300
4000K
90
1674
1883
120
450
13
L2C2-40901204E1300
Notes:
1. Lumileds maintains a tolerance of ±2 on CRI and ±6.5% on luminous flux measurements.
2. Typical CRI is approximately 2 points higher than the minimum CRI specified, but this is not guaranteed.
3. R9 value of 90CRI products is >50.


Similar Part No. - L2C2-40801204E1300

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2C2-40801204E1300 LUMILEDS-L2C2-40801204E1300 Datasheet
3Mb / 28P
   Uniform, high-efficacy and easy-to-design array
More results

Similar Description - L2C2-40801204E1300

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2C5-22801202E0600 LUMILEDS-L2C5-22801202E0600 Datasheet
2Mb / 28P
   Uniform, high efficacy and easy to design array
20200726
LHC1-2780-1203 LUMILEDS-LHC1-2780-1203 Datasheet
2Mb / 13P
   Uniform, High Efficacy and Easy-to-Design Array
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
DS155 LUMILEDS-DS155 Datasheet
3Mb / 28P
   Uniform, high-efficacy and easy-to-design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
DS61 LUMILEDS-DS61 Datasheet
2Mb / 28P
   High value and easy design-in
PB061 LUMILEDS-PB061 Datasheet
1Mb / 2P
   High value and easy design-in
PB103 LUMILEDS-PB103 Datasheet
1Mb / 2P
   Brightest, most uniform and highest efficacy multi-die emitter
DS103 LUMILEDS-DS103 Datasheet
2Mb / 22P
   Brightest, most uniform and highest efficacy multi-die emitter
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
   Easy Plug-and-play Design
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com