Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4212 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4212
Description  Hot Swap Controller with Power-Up Timeout
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4212 Datasheet(HTML) 4 Page - Linear Technology

  LTC4212 Datasheet HTML 1Page - Linear Technology LTC4212 Datasheet HTML 2Page - Linear Technology LTC4212 Datasheet HTML 3Page - Linear Technology LTC4212 Datasheet HTML 4Page - Linear Technology LTC4212 Datasheet HTML 5Page - Linear Technology LTC4212 Datasheet HTML 6Page - Linear Technology LTC4212 Datasheet HTML 7Page - Linear Technology LTC4212 Datasheet HTML 8Page - Linear Technology LTC4212 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC4212
4212f
TYPICAL PERFOR A CE CHARACTERISTICS
GATE Voltage vs Supply Voltage
VGATE – VCC vs Supply Voltage
GATE Voltage vs Temperature
VGATE – VCC vs Temperature
Supply Current vs Supply Voltage
Supply Current vs Temperature
Undervoltage Lockout
Threshold vs Temperature
SUPPLY VOLTAGE (V)
0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
16
4212 G01
4
8
12
20
14
2
6
10
18
TEMPERATURE (
°C)
2.0
2.5
3.0
4212 G02
1.5
1.0
0
0.5
4.0
3.5
VCC = 16.5V
VCC = 5V
VCC = 2.5V
–50
0
25
125
–25
50
75
100
TEMPERATURE (
°C)
2.0
2.1
2.3
2.4
2.5
–25
25
50
4212 G03
2.2
–50
0
75
100
125
FALLING EDGE
RISING EDGE
SUPPLY VOLTAGE (V)
0
10
20
30
5
15
25
4
8
12
16
4212 G06
18
2
0
6
10
14
TEMPERATURE (
°C)
–50
0
5
15
20
25
0
25
125
4212 G07
10
–25
50
75
100
30
VCC = 16.5V
VCC = 5V
VCC = 2.5V
SUPPLY VOLTAGE (V)
0
0
2
6
8
10
12
14
16
18
4212 G08
4
2468
10
18
12
14
16
TEMPERATURE (
°C)
0
2
6
8
10
75
18
4212 G09
4
0
25
–50
100
50
–25
125
12
14
16
VCC = 15V
VCC = 3.3V
VCC = 5V
VCC = 12V
Specifications are TA = 25°C. VCC = 5V, unless
otherwise noted.
GATE Output Source Current vs
Supply Voltage
GATE Output Source Current vs
Temperature
SUPPLY VOLTAGE (V)
7
9
11
13
8
10
12
4
8
12
16
4212 G10
20
2
0
6
10
14
18
TEMPERATURE (
°C)
7
8
10
11
12
–25
25
50
4212 G11
9
–50
0
75
100
125
13
VCC = 16.5V
VCC = 2.5V
VCC = 5V


Similar Part No. - LTC4212

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4212 LINER-LTC4212_15 Datasheet
240Kb / 24P
   Hot Swap Controller with Power-Up Timeout
More results

Similar Description - LTC4212

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4212 LINER-LTC4212_15 Datasheet
240Kb / 24P
   Hot Swap Controller with Power-Up Timeout
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
logo
Linear Technology
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com