Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2C2-30901203E0900 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # L2C2-30901203E0900
Description  Uniform, high-efficacy and easy-to-design array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L2C2-30901203E0900 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  L2C2-30901203E0900 Datasheet HTML 1Page - Lumileds Lighting Company L2C2-30901203E0900 Datasheet HTML 2Page - Lumileds Lighting Company L2C2-30901203E0900 Datasheet HTML 3Page - Lumileds Lighting Company L2C2-30901203E0900 Datasheet HTML 4Page - Lumileds Lighting Company L2C2-30901203E0900 Datasheet HTML 5Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IllumInatIon
PB155 LUXEON CoB Core Range (Gen 2) Product Brief ©2016 Lumileds Holding B.V. All rights reserved.
1
luXEon CoB Core Range (Gen 2)
Uniform, high-efficacy and easy-to-design array
The second generation of LUXEON CoB represents a new breakthrough
in efficacy for arrays. It has 10% higher efficiency and 10% higher lumen
output at the same drive currents compared to existing LUXEON CoB.
Due to its small Light Emitting Surface (LES), LUXEON CoB LEDs are
easy to work with and enable less expensive designs due to its industry-
leading lower thermal resistance. LUXEON CoB are hot-tested at 85°C
and available in 3-step MacAdam ellipse, ensuring uniform optical
performance in a wide range of applications.
FEatuREs and BEnEFIts
PRImaRy aPPlICatIons
Highest flux densities with industry’s smallest LES
Architectural
3-step MacAdam ellipse color definition: Freedom from Binning for color
consistency from luminaire to luminaire
Downlights
Up to 4x lower thermal resistance than competition, enabling smaller heat
sinks and higher lumens
High Bay & Low Bay
Supported by a comprehensive optical, mechanical and electrical ecosystem
Lamps
Outdoor
Specialty Lighting
Spotlights


Similar Part No. - L2C2-30901203E0900

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2C2-30901203E0900 LUMILEDS-L2C2-30901203E0900 Datasheet
3Mb / 28P
   Uniform, high-efficacy and easy-to-design array
More results

Similar Description - L2C2-30901203E0900

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2C5-22801202E0600 LUMILEDS-L2C5-22801202E0600 Datasheet
2Mb / 28P
   Uniform, high efficacy and easy to design array
20200726
LHC1-2780-1203 LUMILEDS-LHC1-2780-1203 Datasheet
2Mb / 13P
   Uniform, High Efficacy and Easy-to-Design Array
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
DS155 LUMILEDS-DS155 Datasheet
3Mb / 28P
   Uniform, high-efficacy and easy-to-design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
DS61 LUMILEDS-DS61 Datasheet
2Mb / 28P
   High value and easy design-in
PB061 LUMILEDS-PB061 Datasheet
1Mb / 2P
   High value and easy design-in
PB103 LUMILEDS-PB103 Datasheet
1Mb / 2P
   Brightest, most uniform and highest efficacy multi-die emitter
DS103 LUMILEDS-DS103 Datasheet
2Mb / 22P
   Brightest, most uniform and highest efficacy multi-die emitter
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
   Easy Plug-and-play Design
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com