Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2C2-22901202E0900 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # L2C2-22901202E0900
Description  Uniform, high-efficacy and easy-to-design array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L2C2-22901202E0900 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  L2C2-22901202E0900 Datasheet HTML 1Page - Lumileds Lighting Company L2C2-22901202E0900 Datasheet HTML 2Page - Lumileds Lighting Company L2C2-22901202E0900 Datasheet HTML 3Page - Lumileds Lighting Company L2C2-22901202E0900 Datasheet HTML 4Page - Lumileds Lighting Company L2C2-22901202E0900 Datasheet HTML 5Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PB155 LUXEON CoB Core Range (Gen 2) Product Brief 20161106 ©2016 Lumileds Holding B.V. All rights reserved.
2
LUXEON CoB Core Range (Gen 2) product performance at specified test current, T
j=85ºC.
PRoduCt nomInal
CCt
mInImum
CRI [1, 2, 3]
lumInous FluX [1] (lm)
tyPICal
lumInous
EFFICaCy (lm/W)
tEst
CuRREnt
(ma)
lEs
(mm)
PaRt numBER
mInImum
tyPICal
LUXEON
CoB
1202s
2200K
80
660
733
105
200
6.5
L2C2-22801202E0600
2700K
80
756
840
120
200
6.5
L2C2-27801202E0600
3000K
80
788
875
125
200
6.5
L2C2-30801202E0600
3500K
80
828
920
131
200
6.5
L2C2-35801202E0600
4000K
80
844
938
134
200
6.5
L2C2-40801202E0600
5000K
80
860
956
137
200
6.5
L2C2-50801202E0600
5700K
80
828
920
131
200
6.5
L2C2-57801202E0600
2200K
90
573
636
91
200
6.5
L2C2-22901202E0600
2200K
90 [4]
539
599
86
200
6.5
L2C2-22951202E0600
2700K
90
661
734
105
200
6.5
L2C2-27901202E0600
2700K
90 [4]
609
677
97
200
6.5
L2C2-27951202E0600
3000K
90
675
750
107
200
6.5
L2C2-30901202E0600
3000K
90 [4]
637
708
101
200
6.5
L2C2-30951202E0600
3500K
90
708
786
112
200
6.5
L2C2-35901202E0600
3500K
90 [4]
662
735
105
200
6.5
L2C2-35951202E0600
4000K
90
720
800
114
200
6.5
L2C2-40901202E0600
4000K
90 [4]
700
778
111
200
6.5
L2C2-40951202E0600
LUXEON
CoB
1202
3000K
70
924
1027
147
200
9
L2C2-30701202E0900
3500K
70
924
1027
147
200
9
L2C2-35701202E0900
4000K
70
982
1092
152
200
9
L2C2-40701202E0900
5000K
70
982
1092
152
200
9
L2C2-50701202E0900
5700K
70
941
1045
149
200
9
L2C2-57701202E0900
2200K
80
658
731
104
200
9
L2C2-22801202E0900
2700K
80
791
879
126
200
9
L2C2-27801202E0900
3000K
80
833
925
132
200
9
L2C2-30801202E0900
3500K
80
866
962
137
200
9
L2C2-35801202E0900
4000K
80
895
994
142
200
9
L2C2-40801202E0900
5000K
80
899
999
143
200
9
L2C2-50801202E0900
5700K
80
859
955
134
200
9
L2C2-57801202E0900
2200K
90
599
666
95
200
9
L2C2-22901202E0900
2700K
90
691
768
110
200
9
L2C2-27901202E0900
3000K
90
716
796
114
200
9
L2C2-30901202E0900
3500K
90
740
822
118
200
9
L2C2-35901202E0900
4000K
90
774
860
123
200
9
L2C2-40901202E0900
Notes:
1. Lumileds maintains a tolerance of ±2 on CRI and ±6.5% on luminous flux measurements.
2. Typical CRI is approximately 2 points higher than the minimum CRI specified, but this is not guaranteed.
3. R9 value of 90CRI products is >5
4. Typical CRI is 97.


Similar Part No. - L2C2-22901202E0900

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2C2-22901202E0900 LUMILEDS-L2C2-22901202E0900 Datasheet
3Mb / 28P
   LUXEON CoB Core Range (Gen 2)
L2C2-22901202E0900 LUMILEDS-L2C2-22901202E0900 Datasheet
3Mb / 28P
   Uniform, high-efficacy and easy-to-design array
More results

Similar Description - L2C2-22901202E0900

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2C5-22801202E0600 LUMILEDS-L2C5-22801202E0600 Datasheet
2Mb / 28P
   Uniform, high efficacy and easy to design array
20200726
LHC1-2780-1203 LUMILEDS-LHC1-2780-1203 Datasheet
2Mb / 13P
   Uniform, High Efficacy and Easy-to-Design Array
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
DS155 LUMILEDS-DS155 Datasheet
3Mb / 28P
   Uniform, high-efficacy and easy-to-design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
DS61 LUMILEDS-DS61 Datasheet
2Mb / 28P
   High value and easy design-in
PB061 LUMILEDS-PB061 Datasheet
1Mb / 2P
   High value and easy design-in
PB103 LUMILEDS-PB103 Datasheet
1Mb / 2P
   Brightest, most uniform and highest efficacy multi-die emitter
DS103 LUMILEDS-DS103 Datasheet
2Mb / 22P
   Brightest, most uniform and highest efficacy multi-die emitter
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
   Easy Plug-and-play Design
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com