Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-W22PS1001 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE-W22PS1001
Description  0 to 180 Degree WR-22 Waveguide Phase Shifter, From 33 GHz to 50 GHz, With a UG-383/U Round Cover Flange
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W22PS1001 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE-W22PS1001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W22PS1001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W22PS1001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W22PS1001 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• WR-22
• 33 to 50 GHz
• UG-383/U Flange
• 1 dB Maximum Insertion Loss
• 1 Watt Average Power Handling
• 0 to 180 Degree Phase Shift Over the Full Band
Applications
• Instrumentation
• Precision measurements
• Prototyping and characterization
.
Description
The PE-W22PS1001 is a waveguide variable phase shifter that is part of a family of high performance phase shifters with a
round flange per MIL-DTL-85. These phase shifters are built using low loss dielectric material, which offers minimum insertion
loss. These standard terminations are offered in the Ka through W waveguide bands (18 to 110 GHz.) The phase shifters are
equipped with micrometer, which allows fine control resulting in accurate and repeatable phase settings. The variable phase
shifters are typically used in the test setups and prototype assemblies where accurate phase shifting is required.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
33
50
GHz
Phase Shift
0 to 180
Degrees
Insertion Loss
1
dB
Input Power (CW)
1
Watts
.
Mechanical Specifications
Size
Length
3.5 in [88.9 mm]
Width/Dia.
1 in [25.4 mm]
Height
2.29 in [58.17 mm]
.
Weight
0.413 lbs [187.33 g]
.
Description
Flange 1
Waveguide
Flange 2
Interface
UG-383/U
WR-22
UG-383/U
Material
Brass
Brass
Brass
Plating
Gold
Gold
Gold
Plating Specification
ASTMB488
ASTMB488
ASTMB488
Finish
Gold
Gold
Gold
...
.
PE-W22PS1001 REV 1.1
PE-W22PS1001
0 to 180 Degree WR-22 Waveguide Phase Shifter, From
33 GHz to 50 GHz, With a UG-383/U Round Cover Flange
Waveguide Phase Shifters Technical Data Sheet
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 180 Degree WR-22 Waveguide Phase Shifter, From 33 GHz to 50 GHz, With a UG-383/U
Round Cover Flange PE-W22PS1001


Similar Part No. - PE-W22PS1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W229AN001 PASTERNACK-PE-W229AN001 Datasheet
385Kb / 3P
   WR-229 Waveguide Standard Gain Horn Antenna Operating From 3.3 GHz to 4.9 GHz With a Nominal 10 dB Gain With CMR-229 Flange
PE-W22AT001-30 PASTERNACK-PE-W22AT001-30 Datasheet
408Kb / 3P
   Rugged waveguide configuration
PE-W22AT5001 PASTERNACK-PE-W22AT5001 Datasheet
558Kb / 5P
   WR-22 Waveguide Direct Read Attenuator, 0 to 50 dB, From 33 GHz to 50 GHz, UG-383/U Round Cover Flange, Dial
PE-W22B001 PASTERNACK-PE-W22B001 Datasheet
343Kb / 2P
   WR-22 Instrumentation Grade Waveguide E-Bend with UG-383-U Flange Operating from 33 GHz to 50 GHz
PE-W22B002 PASTERNACK-PE-W22B002 Datasheet
341Kb / 2P
   WR-22 Instrumentation Grade Waveguide H-Bend with UG-383-U Flange Operating from 33 GHz to 50 GHz
More results

Similar Description - PE-W22PS1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W19PS1001 PASTERNACK-PE-W19PS1001 Datasheet
471Kb / 4P
   0 to 180 Degree WR-19 Waveguide Phase Shifter, From 40 GHz to 60 GHz, With a UG-383/U-Mod Round Cover Flange
PE-W15PS1001 PASTERNACK-PE-W15PS1001 Datasheet
469Kb / 4P
   0 to 180 Degree WR-15 Waveguide Phase Shifter, From 50 GHz to 75 GHz, With a UG-385/U Round Cover Flange
PEWAD5004 PASTERNACK-PEWAD5004 Datasheet
364Kb / 3P
   WR-22 Waveguide Bulkhead Adapter UG-383/U Round Cover Flange, 33 GHz to 50 GHz
PE-W12PS1001 PASTERNACK-PE-W12PS1001 Datasheet
474Kb / 4P
   0 to 180 Degree WR-12 Waveguide Phase Shifter, From 60 GHz to 90 GHz, With a UG-387/U Round Cover Flange
PEWAD5007 PASTERNACK-PEWAD5007 Datasheet
443Kb / 4P
   WR-22 Waveguide Bulkhead Adapter UG-383/U Round Cover Flange, 33 GHz to 50 GHz
PEWMT1004 PASTERNACK-PEWMT1004 Datasheet
506Kb / 3P
   WR-22 Waveguide Magic Tee, UG-383/U Round Cover Flange Operating from 33 GHz to 50 GHz
PE-W22TW1001 PASTERNACK-PE-W22TW1001 Datasheet
405Kb / 3P
   WR-22 90 Degree Waveguide Twist With a UG-383/U Flange Operating From 33 GHz to 50 GHz
PE-W10PS1001 PASTERNACK-PE-W10PS1001 Datasheet
474Kb / 4P
   0 to 180 Degree WR-10 Waveguide Phase Shifter, From 75 GHz to 110 GHz, With a UG-387/U-Mod Round Cover Flange
PE-W22AT5001 PASTERNACK-PE-W22AT5001 Datasheet
558Kb / 5P
   WR-22 Waveguide Direct Read Attenuator, 0 to 50 dB, From 33 GHz to 50 GHz, UG-383/U Round Cover Flange, Dial
PE-W28PS1001 PASTERNACK-PE-W28PS1001 Datasheet
457Kb / 4P
   0 to 180 Degree WR-28 Waveguide Phase Shifter, From 26.5 GHz to 40 GHz, With a UG-599/U Flange
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com