Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE-W19TS28001 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part No. PE-W19TS28001
Description  WR-19 to WR-28 Waveguide Transition 2 Inch Length, UG-383/U Mod Round Cover Flange to UG-599/U Square Cover Flange
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PE-W19TS28001 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Typical VSWR/Return Loss data taken with load.
Typical insertion loss data taken for two parts in series. The WR-28 flanges are connected together and the WR-19
flanges are connected to the test equipment.
Typical Performance Data
-70
-60
-50
-40
-30
-20
-10
0
40
42
44
46
48
50
52
54
56
58
60
0 dB
40 GHz
WR-19 to WR-28
Return Loss (dB)
-5
-4
-3
-2
-1
0
40
42
44
46
48
50
52
54
56
58
60
0 dB
40 GHz
WR-19 to WR-28
Insertion Loss (dB)
PE-W19TS28001 REV 1.1
PE-W19TS28001
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-19 to WR-28 Waveguide Transition 2 Inch Length, UG-383/U-Mod Round Cover Flange
to UG-599/U Square Cover Flange PE-W19TS28001
WR-19 to WR-28 Waveguide Transition 2 Inch Length, UG-383/U-
Mod Round Cover Flange to UG-599/U Square Cover Flange
Waveguide Transitions Technical Data Sheet


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn