Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXR8-QW40 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # LXR8-QW40
Description  Brightest, most uniform and highest efficacy multi-die emitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXR8-QW40 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  LXR8-QW40 Datasheet HTML 1Page - Lumileds Lighting Company LXR8-QW40 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IllumInatIon
luXEon m
Brightest, most uniform and highest efficacy multi-die emitter
LUXEON M is designed to enable outdoor and industrial applications
targeting either high efficiency or low cost. With Freedom from Binning
and leading performance, LUXEON M falls within a single 3- or 5-step
MacAdam ellipse to ensure color consistency from LED to LED, delivering
high efficacy and high flux density from a uniform source with tight
correlated color temperature control. The superior quality of light, volume
of lumens, and real world efficacy enable leading performance and
efficient solution development in a wide variety of lighting segments.
FEaturEs and BEnEFIts
PrImary aPPlIcatIons
Uniform image enables tight beam control in MR16 and spotlight applications
Architectural
High flux density from a 3mm2 area enables reduced emitter count and
compact fixture designs
High Bay & Low Bay
11.2V, 5.6V and 2.8V package options puts high performance within reach
with high efficiency and low cost drivers
Lamps
Leading thermal resistance allows flexible system design to optimize for
lm/$ and lm/W
Outdoor
Exceeds ENERGY STAR® lumen maintenance requirements
Specialty Lighting
Spotlights


Similar Part No. - LXR8-QW40

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXR8-QW40 LUMILEDS-LXR8-QW40 Datasheet
2Mb / 22P
   Brightest, most uniform and highest efficacy multi-die emitter
More results

Similar Description - LXR8-QW40

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS103 LUMILEDS-DS103 Datasheet
2Mb / 22P
   Brightest, most uniform and highest efficacy multi-die emitter
L2C5-22801202E0600 LUMILEDS-L2C5-22801202E0600 Datasheet
2Mb / 28P
   Uniform, high efficacy and easy to design array
20200726
PB155 LUMILEDS-PB155 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
LHC1-2780-1203 LUMILEDS-LHC1-2780-1203 Datasheet
2Mb / 13P
   Uniform, High Efficacy and Easy-to-Design Array
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
DS155 LUMILEDS-DS155 Datasheet
3Mb / 28P
   Uniform, high-efficacy and easy-to-design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
PB106 LUMILEDS-PB106 Datasheet
1Mb / 2P
   A bright, versatile and high efficacy emitter
DS106 LUMILEDS-DS106 Datasheet
2Mb / 20P
   A bright, versatile and high efficacy emitter
logo
List of Unclassifed Man...
LZ1-00UA00 ETC2-LZ1-00UA00 Datasheet
983Kb / 19P
   High Efficacy VIOLET LED Emitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com