Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1T2-5085000000000 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # L1T2-5085000000000
Description  Extreme efficacy and best performance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1T2-5085000000000 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  L1T2-5085000000000 Datasheet HTML 1Page - Lumileds Lighting Company L1T2-5085000000000 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2017 Lumileds Holding B.V. All rights reserved.
LUXEON is a registered trademark of the Lumileds Holding B.V.
in the United States and other countries.
lumileds.com
Neither Lumileds Holding B.V. nor its affiliates shall be liable for any kind of loss of data or any
other damages, direct, indirect or consequential, resulting from the use of the provided
information and data. Although Lumileds Holding B.V. and/or its affiliates have attempted to
provide the most accurate information and data, the materials and services information and data
are provided “as is,” and neither Lumileds Holding B.V. nor its affiliates warrants or guarantees
the contents and correctness of the provided information and data. Lumileds Holding B.V. and its
affiliates reserve the right to make changes without notice. You as user agree to this disclaimer
and user agreement with the download or use of the provided materials, information and data.
PB133 LUXEON TX Product Brief 20170114
LUXEON TX product performance at 700mA and 350mA, T
j=85°C.
nomInal
cct
mInImum
crI [1, 2]
lumInous FluX [1] (lm)
tyPIcal
lumInous
EFFIcacy (lm/W)
tyPIcal
lumInous
FluX (lm)
tyPIcal
lumInous
EFFIcacy (lm/W)
Part numBEr
mInImum
tyPIcal
700ma
350ma
3000K
70
250
270
136
150
155
L1T2-3070000000000
4000K
70
280
295
148
160
164
L1T2-4070000000000
5000K
70
280
295
148
160
164
L1T2-5070000000000
5700K
70
280
295
148
160
164
L1T2-5770000000000
6500K
70
280
295
148
160
164
L1T2-6570000000000
2700K
80
200
216
110
118
124
L1T2-2780000000000
3000K
80
210
227
116
124
131
L1T2-3080000000000
3500K
80
220
238
121
130
137
L1T2-3580000000000
4000K
80
230
247
126
136
143
L1T2-4080000000000
5000K
80
230
247
126
136
143
L1T2-5080000000000
2700K
85
170
186
95
102
108
L1T2-2785000000000
3000K
85
180
197
101
108
114
L1T2-3085000000000
3500K
85
190
208
106
114
120
L1T2-3585000000000
4000K
85
200
217
111
120
127
L1T2-4085000000000
5000K
85
200
217
111
120
127
L1T2-5085000000000
2700K
90
160
175
89
96
101
L1T2-2790000000000
3000K
90
170
188
96
103
109
L1T2-3090000000000
5700K
90
200
213
109
117
123
L1T2-5790000000000
Notes:
1. Lumileds maintains a tolerance of ±2 on CRI and ±6.5% on luminous flux measurements.
2. Typical CRI is approximately 2 points higher than the minimum CRI specified, but this is not guaranteed.
Mechanical Dimensions
.
Notes:
1. Drawings are not scale.
2. All dimensions are in millimeters.


Similar Part No. - L1T2-5085000000000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1T2-5085000000000 LUMILEDS-L1T2-5085000000000 Datasheet
1Mb / 19P
   Extreme efficacy that will transform your next market leading luminaire
logo
List of Unclassifed Man...
L1T2-5085000000000 ETC2-L1T2-5085000000000 Datasheet
1Mb / 19P
   Extreme efficacy that will transform your next market leading luminaire
logo
Lumileds Lighting Compa...
L1T2-5085000000000 LUMILEDS-L1T2-5085000000000 Datasheet
2Mb / 17P
   Extreme efficacy and best performance
More results

Similar Description - L1T2-5085000000000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS133 LUMILEDS-DS133 Datasheet
2Mb / 17P
   Extreme efficacy and best performance
logo
Seoul Semiconductor
STW8Q14D SEOUL-STW8Q14D Datasheet
1Mb / 30P
   The Best Efficacy in Mid Power LEDs
logo
Lumileds Lighting Compa...
DS160 LUMILEDS-DS160 Datasheet
1Mb / 9P
   High performance LED modules with extreme efficacy for robust lighting designs
L2T0-4070012M00000 LUMILEDS-L2T0-4070012M00000 Datasheet
1Mb / 9P
   High performance LED modules with extreme efficacy for robust lighting designs
PB160 LUMILEDS-PB160 Datasheet
1Mb / 2P
   High performance LED modules with extreme efficacy for robust lighting designs
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
saftbatteries
AA86A SAFT-AA86A Datasheet
265Kb / 2P
   Extreme performance
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
   Best performance. Most usable light.
20210523
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
   The best performance, the most colors
20210816
logo
Intel Corporation
S4600LT2 INTEL-S4600LT2 Datasheet
1Mb / 2P
   Best in class performance, reliability and serviceability for HPC and Datacenter applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com