Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB158 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # PB158
Description  Bright, uniform light source in practical, convenient and easy to configure modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

PB158 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  PB158 Datasheet HTML 1Page - Lumileds Lighting Company PB158 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2015 Lumileds Holding B.V. All rights reserved.
LUXEON is a registered trademark of the Lumileds Holding B.V.
in the United States and other countries.
lumileds.com
Lumileds Holding B.V. shall not be liable for any kind of loss of data or any other damages, direct,
indirect or consequential, resulting from the use of the provided information and data. Although
Lumileds Holding B.V. has attempted to provide the most accurate information and data, the
materials and services information and data are provided “as is” and Lumileds Holding B.V.
neither warranties, nor guarantees the contents and correctness of the provided information
and data. Lumileds Holding B.V. reserves the right to make changes without notice. You as user
agree to this disclaimer and user agreement with the download or use of the provided materials,
information and data.
PB158 LUXEON XR-M
Product Brief 20151109
LUXEON XR-M product performance at 700mA, T
c=85ºC.
CONFIGURATION
NOMINAL
CCT
MINIMUM
CRI [1]
LUMINOUS FLUX [2] (lm)
TYPICAL LUMINOUS
EFFICACY (lm/W)
PART NUMBER
MINIMUM
TYPICAL
Square
4000K
70
4053
4211
138
L2M0-4070004MC2200
5000K
70
4200
4363
144
L2M0-5070004MC2200
5700K
70
4156
4318
142
L2M0-5770004MC2200
Linear
4000K
70
3040
3158
138
L2M0-4070003MC3300
5000K
70
3150
3272
144
L2M0-5070003MC3300
5700K
70
3117
3239
142
L2M0-5770003MC3300
4000K
70
4053
4211
138
L2M0-4070004MC3300
5000K
70
4200
4363
144
L2M0-5070004MC3300
5700K
70
4156
4318
142
L2M0-5770004MC3300
4000K
70
5067
5264
138
L2M0-4070005MC3300
5000K
70
5249
5454
144
L2M0-5070005MC3300
5700K
70
5195
5397
142
L2M0-5770005MC3300
Notes:
1. Lumileds maintains a tolerance of ±2 on CRI measurements.
2. Lumileds maintains a tolerance of ±7.5% on luminous flux measurements.
Notes:
1. Drawings are not scale.
2. All dimensions are in millimeters.
Mechanical dimensions for L2M0-xxxx004MC2200.
Mechanical dimensions for L2M0-xxxx003MC3300.
Mechanical dimensions for L2M0-xxxx004MC3300.
Mechanical dimensions for L2M0-xxxx005MC3300.


Similar Part No. - PB158

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PB1505GR ETC2-PB1505GR Datasheet
718Kb / 16P
   BIPOLAR DIGITAL INTEGRATED CIRCUITS PB1507GV
PB1507GV ETC2-PB1507GV Datasheet
718Kb / 16P
   BIPOLAR DIGITAL INTEGRATED CIRCUITS PB1507GV
PB1507GV-E1-A ETC2-PB1507GV-E1-A Datasheet
718Kb / 16P
   BIPOLAR DIGITAL INTEGRATED CIRCUITS PB1507GV
logo
Lumileds Lighting Compa...
PB155 LUMILEDS-PB155 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
PB156 LUMILEDS-PB156 Datasheet
1Mb / 2P
   Flexible light source distributing uniform light across user selectable lengths
More results

Similar Description - PB158

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2M0-4070004MC2200 LUMILEDS-L2M0-4070004MC2200 Datasheet
1Mb / 14P
   Bright, uniform light source in practical, convenient and easy to configure modules
DS158 LUMILEDS-DS158 Datasheet
1Mb / 14P
   Bright, uniform light source in practical, convenient and easy to configure modules
logo
Maxim Integrated Produc...
MAX1403EVSYSTEM MAXIM-MAX1403EVSYSTEM Datasheet
1Mb / 20P
   Easy to Configure
Rev 0; 5/99
logo
rfsolutions.ltd
DS-C2O-3 RFSOLUTIONS-DS-C2O-3 Datasheet
2Mb / 8P
   Easy to Configure using SMS commands.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2785-EF000 AVAGO-HLMP-2785-EF000 Datasheet
346Kb / 16P
   Large bright, uniform light emitting areas
logo
Lite-On Technology Corp...
LTL-53173Y LITEON-LTL-53173Y Datasheet
151Kb / 5P
   LARGE, BRIGHT, UNIFORM LIGHT EMITTING AREAS
logo
Lumileds Lighting Compa...
L2C5-22801202E0600 LUMILEDS-L2C5-22801202E0600 Datasheet
2Mb / 28P
   Uniform, high efficacy and easy to design array
20200726
DS155 LUMILEDS-DS155 Datasheet
3Mb / 28P
   Uniform, high-efficacy and easy-to-design array
LHC1-2780-1203 LUMILEDS-LHC1-2780-1203 Datasheet
2Mb / 13P
   Uniform, High Efficacy and Easy-to-Design Array
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com