Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1529GP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LH1529GP
Description  Telecom Switch - 1 Form A Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1529GP Datasheet(HTML) 2 Page - Vishay Siliconix

  LH1529GP Datasheet HTML 1Page - Vishay Siliconix LH1529GP Datasheet HTML 2Page - Vishay Siliconix LH1529GP Datasheet HTML 3Page - Vishay Siliconix LH1529GP Datasheet HTML 4Page - Vishay Siliconix LH1529GP Datasheet HTML 5Page - Vishay Siliconix LH1529GP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 83828
Rev. 1.3, 26-Oct-04
LH1529FP/ FPTR/ GP/ GPTR
Vishay Semiconductors
Absolute Maximum Ratings, Tamb = 25 °C
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Ratings for extended periods of time can adversely affect reliability.
SSR
Optocoupler
Electrical Characteristics, Tamb = 25 °C
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
SSR
Parameter
Test condition
Symbol
Value
Unit
LED continuous forward current
IF
50
mA
LED reverse voltage
IR ≤ 10 µAVR
6.0
V
DC or peak AC load voltage
IL ≤ 50 µAVL
350
V
Continuous DC load current
IL
120
mA
Ambient temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 125
°C
Soldering temperature
t = 10 s max.
260
°C
Isolation test voltage ( for 1.0 s)
VISO
3000
VRMS
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Power dissipation
Pdiss
600
mW
Parameter
Test condition
Symbol
Value
Unit
LED continuous forward current
IF
50
mA
LED reverse voltage
IR ≤ 10 µAVR
6.0
V
Collector-emitter breakdown
voltage
BVCEO
30
V
Phototransistor power
dissipation
Pdiss
150
mW
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
LED forward current for switch
turn-on
IL = 100 mA, t = 10 ms
IFon
1.1
3.0
mA
LED forward current for switch
turn-off
VL = ± 300 V
IFoff
0.2
1.0
mA
LED forward voltage
IF = 10 mA
VF
1.0
1.2
1.5
V
ON-Resistance
IF = 5.0 mA, IL = ± 50 mA
RON
20
25
OFF-Resistance
IF = 0 mA, VL = ± 100 V
ROFF
5000
G
Current limit
IF = 5.0 mA, t = 5.0 ms
ILimit
170
210
250
mA
Output off-state leakage current IF = 0 mA, VL = ± 100 V
IO
0.6
200
nA
IF = 0 mA, VL = ± 350 V
IO
1.0
µA
Output capacitance
pin 7 to pin 8
IF = 0 mA, VL = 1.0 V
CO
55
pF
IF = 0 mA, VL = 50 V
CO
10
pF
Turn-on time
IF = 5.0 mA, IL = 50 mA
ton
1.3
2.5
ms
Turn-off time
IF = 5.0 mA, IL = 50 mA
toff
0.1
2.5
ms


Similar Part No. - LH1529GP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1529GP VISHAY-LH1529GP Datasheet
114Kb / 6P
   Telecom Switch - 1 Form A Solid-State Relay
Rev. 1.7, 03-Aug-11
LH1529GP VISHAY-LH1529GP Datasheet
114Kb / 6P
   Telecom Switch - 1 Form A Solid-State Relay
Rev. 1.8, 12-Apr-13
LH1529GPTR VISHAY-LH1529GPTR Datasheet
114Kb / 6P
   Telecom Switch - 1 Form A Solid-State Relay
Rev. 1.7, 03-Aug-11
LH1529GPTR VISHAY-LH1529GPTR Datasheet
114Kb / 6P
   Telecom Switch - 1 Form A Solid-State Relay
Rev. 1.8, 12-Apr-13
More results

Similar Description - LH1529GP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1529AB VISHAY-LH1529AB Datasheet
200Kb / 7P
   Telecom Switch - 1 Form A Solid State Relay
Rev. 1.2, 06-Oct-03
logo
Infineon Technologies A...
LH1529AB INFINEON-LH1529AB Datasheet
208Kb / 4P
   Telecom Switch - 1 Form A Solid State Relay
March 26, 2000-17
logo
Vishay Siliconix
LH1529FPTR VISHAY-LH1529FPTR Datasheet
114Kb / 6P
   Telecom Switch - 1 Form A Solid-State Relay
Rev. 1.8, 12-Apr-13
LH1529AAC VISHAY-LH1529AAC_11 Datasheet
162Kb / 7P
   Telecom Switch 1 Form A Solid-State Relay
Rev. 1.5, 03-Aug-11
LH1529FPTR VISHAY-LH1529FPTR_11 Datasheet
114Kb / 6P
   Telecom Switch - 1 Form A Solid-State Relay
Rev. 1.7, 03-Aug-11
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com