Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGV Datasheet(PDF) 2 Page - Lumberg

Part # SGV
Description  Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

SGV Datasheet(HTML) 2 Page - Lumberg

  SGV Datasheet HTML 1Page - Lumberg SGV Datasheet HTML 2Page - Lumberg SGV Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
03 038899
01/2018
2
*a
flat gasket
Environmental conditions
Temperature range
-40 °C/+85 °C
Materials
Cap
PC
Seal
CR
Mechanical data
Protection class
IP68 1
1
according to IEC DIN EN 60529, only in locked condition with an appropriate counterpart; IPX8
requirements under agreement between manufacturer and user
Associated products
Accessories
0314
0314-1
0314-2
0315
0315-1
0315-1 U
0315-2
0316
0316-1
0316-2
0317
0317-1
0317-2
031798-1
031798-2
031799-2
0318
0318-1
0318-2
0331
0332
0332-1
033200
0365
036500
SFV
SGR
SGV
SV
SV ...-8
WSV
of 3


Similar Part No. - SGV

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
SGV RUBYCON-SGV Datasheet
65Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Lumberg
SGV LUMBERG-SGV Datasheet
117Kb / 2P
   Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9, IP 40
logo
Surge Components
SGV SURGE-SGV Datasheet
331Kb / 3P
   High ripple current
logo
Lumberg
SGV LUMBERG-SGV Datasheet
279Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
SGV LUMBERG-SGV Datasheet
348Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
More results

Similar Description - SGV

ManufacturerPart #DatasheetDescription
logo
Lumberg
0306 LUMBERG-0306 Datasheet
461Kb / 5P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0308C02 LUMBERG-0308C02 Datasheet
187Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0314-1 LUMBERG-0314-1 Datasheet
444Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0315-2 LUMBERG-0315-2 Datasheet
381Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0316-1 LUMBERG-0316-1 Datasheet
492Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0316-2 LUMBERG-0316-2 Datasheet
459Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0317 LUMBERG-0317 Datasheet
724Kb / 5P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0322-1 LUMBERG-0322-1 Datasheet
520Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0332 LUMBERG-0332_18 Datasheet
600Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0380 LUMBERG-0380_18 Datasheet
488Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
SV30 LUMBERG-SV30 Datasheet
560Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com