Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KTX311T Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KTX311T
Description  EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX311T Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTX311T Datasheet HTML 1Page - KEC(Korea Electronics) KTX311T Datasheet HTML 2Page - KEC(Korea Electronics) KTX311T Datasheet HTML 3Page - KEC(Korea Electronics) KTX311T Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2002. 8. 13
3/4
KTX311T
Revision No : 2
0.1m
0
REVERSE VOLTAGE V
(V)
R
I
- V
RR
0.1
0.2
0.3
0.4
0.5
1m
10m
100m
1
FORWARD VOLTAGE V
(V)
F
I - V
F
F
Ta=125
C
0
10
2
0.1
µ
1
µ
10
µ
100
µ
10
1
10
20
30
40
Ta=125
C
Ta=75 C
Ta=25 C
Ta=-25 C
-0.01
-300
-100
-30
-10
COLLECTOR CURRENT I
(mA)
C
V
- I
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
0
I
- V
CCE
-1
-2
-3
-4
-5
-6
-7
-200
-400
-600
-800
CE(sat)
C
-1K
-3K
-10K
-0.03
0.05
-0.1
-0.3
-0.5
-1.0
I /I =10
C
-8
I =0mA
B
B
I =-1mA
B
I =-2mA
B
I =-4mA
B
I =-6mA
B
I =-10mA
I =-8mA
B
COLLECTOR-EMITTER VOLTAGE V
(V)
0
0
-200
-400
-0.2
-600
-800
-0.8
-0.4
-0.6
-1.0
CE
I
- V
CCE
-1000
B
I =-1mA
I =-3mA
B
I =-5mA
B
I =-10mA
B
I =-20
mA
B
I =-30mA
B
BASE-EMITTER VOLTAGE V
(V)
0
0
-0.2
-0.4
-0.2
-0.4
-0.6
-0.8
-1.4
-0.6 -0.8
-1.0 -1.2
-1.6
BE
I - V
C
BE
-1.0
-1.2
-1.4
V
=-2V
CE
-2.0
B
D (DIODE)
1
Q (PNP TRANSISTOR)
1


Similar Part No. - KTX311T

ManufacturerPart #DatasheetDescription
KEC(Korea Electronics)
KEC(Korea Electronics)
KTX312T KEC-KTX312T Datasheet
827Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
More results

Similar Description - KTX311T

ManufacturerPart #DatasheetDescription
KEC(Korea Electronics)
KEC(Korea Electronics)
KTX312T KEC-KTX312T Datasheet
827Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
KTX412T KEC-KTX412T Datasheet
414Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
KTX411T KEC-KTX411T Datasheet
56Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
2SA1270 KEC-2SA1270 Datasheet
39Kb / 1P
   SILICON PNP TRANSISTOR EPITAXIAL PLANAR TYPE
2SA1271 KEC-2SA1271 Datasheet
39Kb / 1P
   SILICON PNP TRANSISTOR EPITAXIAL PLANAR TYPE
AUK corp
AUK corp
SUT487J AUK-SUT487J Datasheet
224Kb / 4P
   Epitaxial Planar Type PNP Silicon Transistor
SUT488J AUK-SUT488J Datasheet
223Kb / 4P
   Epitaxial Planar Type PNP Silicon Transistor
SUR506EF AUK-SUR506EF Datasheet
121Kb / 3P
   Epitaxial Planar Type PNP Silicon Transistor
SUR529H AUK-SUR529H Datasheet
179Kb / 3P
   Epitaxial Planar Type PNP Silicon Transistor
SHIKUES Electronics
SHIKUES Electronics
2SA1037 SKTECHNOLGY-2SA1037 Datasheet
2Mb / 3P
   Epitaxial planar type, PNP silicon transistor
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com