Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TE28F400B3 Datasheet(PDF) 10 Page - Intel Corporation

Part # TE28F400B3
Description  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F400B3 Datasheet(HTML) 10 Page - Intel Corporation

Back Button TE28F400B3 Datasheet HTML 6Page - Intel Corporation TE28F400B3 Datasheet HTML 7Page - Intel Corporation TE28F400B3 Datasheet HTML 8Page - Intel Corporation TE28F400B3 Datasheet HTML 9Page - Intel Corporation TE28F400B3 Datasheet HTML 10Page - Intel Corporation TE28F400B3 Datasheet HTML 11Page - Intel Corporation TE28F400B3 Datasheet HTML 12Page - Intel Corporation TE28F400B3 Datasheet HTML 13Page - Intel Corporation TE28F400B3 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
SMART 3 ADVANCED BOOT BLOCK
E
10
PRELIMINARY
The pin descriptions table details the usage of each device pin.
Table 2. Smart 3 Advanced Boot Block Pin Descriptions
Symbol
Type
Name and Function
A0–A21
INPUT
ADDRESS INPUTS for memory addresses. Addresses are internally
latched during a program or erase cycle.
28F008B3: A[0-19], 28F016B3: A[0-20], 28F032B3: A[0-21],
28F800B3: A[0-17], 28F800B3: A[0-18], 28F160B3: A[0-19],
28F320B3: A[0-20]
DQ0–DQ7
INPUT/OUTPUT
DATA INPUTS/OUTPUTS: Inputs array data on the second CE# and
WE# cycle during a Program command. Inputs commands to the
Command User Interface when CE# and WE# are active. Data is
internally latched. Outputs array, identifier and status register data. The
data pins float to tri-state when the chip is de-selected or the outputs are
disabled.
DQ8–DQ15
INPUT/OUTPUT
DATA INPUTS/OUTPUTS: Inputs array data on the second CE# and
WE# cycle during a Program command. Data is internally latched.
Outputs array and identifier data. The data pins float to tri-state when the
chip is de-selected. Not included on x8 products.
CE#
INPUT
CHIP ENABLE: Activates the internal control logic, input buffers,
decoders and sense amplifiers. CE# is active low. CE# high de-selects
the memory device and reduces power consumption to standby levels.
OE#
INPUT
OUTPUT ENABLE: Enables the device’s outputs through the data
buffers during a read operation. OE# is active low.
WE#
INPUT
WRITE ENABLE: Controls writes to the Command Register and memory
array. WE# is active low. Addresses and data are latched on the rising
edge of the second WE# pulse.
RP#
INPUT
RESET/DEEP POWER-DOWN: Uses two voltage levels (VIL, VIH) to
control reset/deep power-down mode.
When RP# is at logic low, the device is in reset/deep power-down
mode, which drives the outputs to High-Z, resets the Write State
Machine, and minimizes current levels (ICCD).
When RP# is at logic high, the device is in standard operation.
When RP# transitions from logic-low to logic-high, the device resets all
blocks to locked and defaults to the read array mode.
WP#
INPUT
WRITE PROTECT: Provides a method for locking and unlocking the two
lockable parameter blocks.
When WP# is at logic low, the lockable blocks are locked,
preventing program and erase operations to those blocks. If a program
or erase operation is attempted on a locked block, SR.1 and either SR.4
[program] or SR.5 [erase] will be set to indicate the operation failed.
When WP# is at logic high, the lockable blocks are unlocked and
can be programmed or erased.
See Section 3.3 for details on write protection.


Similar Part No. - TE28F400B3

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F400B3 INTEL-TE28F400B3 Datasheet
427Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
TE28F400B3-B120 INTEL-TE28F400B3-B120 Datasheet
427Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
TE28F400B3-B150 INTEL-TE28F400B3-B150 Datasheet
427Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
TE28F400B3-T120 INTEL-TE28F400B3-T120 Datasheet
427Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
TE28F400B3-T150 INTEL-TE28F400B3-T150 Datasheet
427Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
More results

Similar Description - TE28F400B3

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
logo
Intel Corporation
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com