Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE-W15TS19001 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part No. PE-W15TS19001
Description  WR-15 to WR-19 Waveguide Transition 1.5 Inch Length, UG-385/U Round Cover Flange to UG-383/U-Mod Round Cover Flange
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PE-W15TS19001 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• WR-15 to WR-19 waveguide
WR-15 waveguide UG-385/U flange
WR-19 waveguide UG-383/U-Mod flange
Gold plated finish
Precision manufactured
Applications
Radar Systems
Military and Space
Wireless Radio Systems
Telecom Infrastructure
Communication Systems
R&D Labs
Microwave Radio Systems
.
Description
The PE-W15TS19001 is part of Pasternack’s family of Waveguide Transitions (also sometimes called waveguide adapters)
used as a means of propagating RF/Microwave energy from one waveguide size to another. The PE-W15TS19001 allows the
waveguide to change from a WR-15 waveguide (using a UG-385/U flange) to a WR-19 waveguide (using a UG-383/U-Mod
flange.) The waveguide body has a plated gold finish.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
VSWR
1.1:1
Insertion Loss
0.75
dB
.
Mechanical Specifications
Size
Length
1.5 in [38.1 mm]
.
Weight
0.103 lbs [46.72 g]
.
Description
Flange 1
Waveguide
Flange 2
Designation
UG-385/U
WR-15 to WR-19
UG-383/U-Mod
Flange Type
Round Cover
Round Cover
Material
Brass
Brass
Brass
Plating
Gold
Gold
Gold
Plating Specification
ASTMB488
ASTMB488
ASTMB488
Finish
Gold
Gold
Gold
...
.
PE-W15TS19001 REV 1.1
PE-W15TS19001
WR-15 to WR-19 Waveguide Transition
1.5 Inch Length, UG-385/U Round Cover Flange
to UG-383/U-Mod Round Cover Flange
Waveguide Transitions Technical Data Sheet
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-15 to WR-19 Waveguide Transition 1.5 Inch Length, UG-385/U Round Cover Flange to
UG-383/U-Mod Round Cover Flange PE-W15TS19001


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn