Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDB5484U Datasheet(PDF) 10 Page - Cirrus Logic

Part # CDB5484U
Description  Engineering Board and GUI Software
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5484U Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CDB5484U Datasheet HTML 6Page - Cirrus Logic CDB5484U Datasheet HTML 7Page - Cirrus Logic CDB5484U Datasheet HTML 8Page - Cirrus Logic CDB5484U Datasheet HTML 9Page - Cirrus Logic CDB5484U Datasheet HTML 10Page - Cirrus Logic CDB5484U Datasheet HTML 11Page - Cirrus Logic CDB5484U Datasheet HTML 12Page - Cirrus Logic CDB5484U Datasheet HTML 13Page - Cirrus Logic CDB5484U Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
CDB5484U
10
DS919DB5
1.4.2
Interface to Microcontroller
Interface headers J17 and J19 are provided to allow the CDB5484U to be connected to an external energy
registration device or an external microcontroller. Interface header J17 provides direct access to the
CS5484 pins while interface header J19 provides an isolated connection. It is imperative to use the iso-
lated connection (J19) when high-voltage signals are used. Failure to use isolation can result in damage
to components or electrical shock. Refer to “Digital Isolation” on page 10 for details on signal isolation.
Interface header J19 can be used to connect to the external microcontroller. To connect the CS5484 to
an external microcontroller, R34, R35, R36, R37, R38, R39, R40, R41, R42, and R43 must be removed
from the board.
1.4.3
Digital Isolation
Two types of isolation are provided, including a low-speed optical coupler for UART-only and high-speed
digital isolation for UART and SPI communication. Default jumper settings provide high-speed digital iso-
lators. To enable high-speed digital isolators, place jumpers (J18 and J20) in the RX to DIGITAL position
and TX to DIGITAL position. To enable the high-speed digital isolators, it is also necessary to install jump-
er (J50) in the VDDA position. To enable low-speed optical UART communication, place jumpers (J18 and
J20) in the RX to OPTICAL position and TX to OPTICAL position.
The high-speed digital isolators operate from DC to 150Mbps. The low-speed optical couplers operate to
a maximum speed of about 4.8kHz. All the signals supplied to the isolators are available to the MCU ex-
cept CPUCLK.
1.4.4
Additional Device Pin Access
The CS5484’s digital output pins (DO1, DO2, DO3, and DO4) are routed to LEDs, which provide a simple
visual check of the digital output. Jumpers J39, J40, J41, and J42 are equipped at the factory with jumpers
to enable the LEDs. The DO1 digital output pin is supplied to the digital isolation using jumper J49.
The MODE pin jumper (J15) should be installed in the VDDA to MODE position.
The CS5484 system clock can be connected to an onboard quartz crystal, or an external clock can be
supplied to the CS5484 XIN pin though jumper J48. To connect the onboard quartz crystal, install jumper
J43 in the XIN to CRYSTAL position. To connect XIN to an external clock, install jumper J43 in the XIN to
XIN_EXT position.


Similar Part No. - CDB5484U

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5480U CIRRUS-CDB5480U Datasheet
3Mb / 47P
   Engineering Board and GUI Software
More results

Similar Description - CDB5484U

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5480U CIRRUS-CDB5480U Datasheet
3Mb / 47P
   Engineering Board and GUI Software
CDB5463U CIRRUS-CDB5463U Datasheet
1Mb / 38P
   Engineering Board and GUI Software
CDB5467U CIRRUS-CDB5467U Datasheet
1Mb / 38P
   CDB5467U Engineering Board and GUI Software
CDB5490U CIRRUS-CDB5490U Datasheet
4Mb / 46P
   CDB5490U Engineering Board and GUI Software
CDB5464U CIRRUS-CDB5464U Datasheet
1Mb / 38P
   CDB5464U Engineering Borad and GUI Software
logo
Zilog, Inc.
Z89C6700ZEM ZILOG-Z89C6700ZEM Datasheet
36Kb / 6P
   Z8 GUI Emulator Software
logo
Maxim Integrated Produc...
MAX16065EVKIT MAXIM-MAX16065EVKIT Datasheet
2Mb / 22P
   Easy-to-Use GUI Software
Rev 0; 5/11
logo
Cymbet Corporation
AN-1040 CYMBET-AN-1040 Datasheet
229Kb / 3P
   EVAL Kit GUI Software and TI Firmware Readme
logo
Silicon Laboratories
AN204 SILABS-AN204 Datasheet
945Kb / 12P
   PROSLIC짰 WINDOWS짰 GUI SOFTWARE USERs GUIDE
logo
Cirrus Logic
CDB5534U CIRRUS-CDB5534U Datasheet
619Kb / 22P
   Evaluation Board and Software
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com