Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSB798 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSB798
Description  Audio Frequency Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSB798 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSB798 Datasheet HTML 1Page - Fairchild Semiconductor KSB798 Datasheet HTML 2Page - Fairchild Semiconductor KSB798 Datasheet HTML 3Page - Fairchild Semiconductor KSB798 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
* PW
≤10ms, Duty cycle≤50%
Electrical Characteristics T
a=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Ratings
Units
VCBO
Collector-Base Voltage
-30
V
VCEO
Collector-Emitter Voltage
-25
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current (DC)
-1.0
A
ICP
* Collector Current (Pulse)
-1.5
A
PC
Collector Power Dissipation
2.0
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC= -100µA, IE=0
-30
V
BVCEO
Collector-Emitter Breakdown Voltage
IC= -1mA, IB=0
-25
V
BVEBO
Emitter-Base Breakdown Voltage
IE= -100µA, IC=0
-5
V
ICBO
Collector Cut-off Current
VCB= -30V, IE=0
-0.1
µA
IEBO
Emitter Cut-off Current
VEB= -5V, IC=0
-0.1
µA
hFE1
hFE2
DC Current Gain
VCE= -1V, IC= -0.1A
VCE= -1V, IC= -1.0A
90
50
400
VCE (sat)
Collector-Emitter Saturation Voltage
IC= -1.0A, IB= -0.1A
-0.4
V
VBE (sat)
Base-Emitter Saturation Voltage
IC= -1.0A, IB= -0.1A
-1.2
V
VBE (on)
Base-Emitter On Voltage
VCE= -6V, IC= -10mA
-0.6
-0.7
V
fT
Current Gain Bandwidth Product
VCE= -6V, IC= -10mA
110
MHz
Cob
Output Capacitance
VCB= -6V, IE=0, f=1MHz
18
pF
Classification
O
Y
G
hFE1
90 ~ 180
135 ~ 270
200 ~ 400
KSB798
Audio Frequency Power Amplifier
• Collector Current : IC = -1A
• Collector Power Dissipation : PC = 2W
SLX
Marking
hFE Grade
1. Base 2. Collector 3. Emitter
SOT-89
1


Similar Part No. - KSB798

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB798 FAIRCHILD-KSB798 Datasheet
434Kb / 5P
   PNP Epitaxial Silicon Transistor
KSB798 FAIRCHILD-KSB798_05 Datasheet
434Kb / 5P
   PNP Epitaxial Silicon Transistor
More results

Similar Description - KSB798

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1220 FAIRCHILD-KSA1220 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSA1220AYS FAIRCHILD-KSA1220AYS Datasheet
82Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSD794AYSTU FAIRCHILD-KSD794AYSTU Datasheet
57Kb / 5P
   Audio Frequency Power Amplifier
KSD985 FAIRCHILD-KSD985 Datasheet
50Kb / 5P
   Audio Frequency Power Amplifier
KSB772 FAIRCHILD-KSB772 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier
KSC2682 FAIRCHILD-KSC2682 Datasheet
48Kb / 5P
   Audio Frequency Power Amplifier
logo
First Silicon Co., Ltd
FTC2690 FS-FTC2690 Datasheet
249Kb / 2P
   Audio frequency power amplifier
logo
Fairchild Semiconductor
KSD1021 FAIRCHILD-KSD1021 Datasheet
41Kb / 4P
   Audio Frequency Power Amplifier
KSD471AYBU FAIRCHILD-KSD471AYBU Datasheet
47Kb / 4P
   Audio Frequency Power Amplifier
logo
SemiHow Co.,Ltd.
KSH772 SEMIHOW-KSH772 Datasheet
232Kb / 5P
   Audio Frequency Power Amplifier
KSE772 SEMIHOW-KSE772 Datasheet
184Kb / 5P
   Audio Frequency Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com