Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDB1610-8W Datasheet(PDF) 10 Page - Cirrus Logic

Part # CDB1610-8W
Description  8 Watt Demonstration Board
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB1610-8W Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CDB1610-8W Datasheet HTML 6Page - Cirrus Logic CDB1610-8W Datasheet HTML 7Page - Cirrus Logic CDB1610-8W Datasheet HTML 8Page - Cirrus Logic CDB1610-8W Datasheet HTML 9Page - Cirrus Logic CDB1610-8W Datasheet HTML 10Page - Cirrus Logic CDB1610-8W Datasheet HTML 11Page - Cirrus Logic CDB1610-8W Datasheet HTML 12Page - Cirrus Logic CDB1610-8W Datasheet HTML 13Page - Cirrus Logic CDB1610-8W Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
CDB1610-8W
10
DS977DB4
5. DIMMER COMPATIBILITY - CS1610 (108V - 132V)
Input Power
8.3W
Dimmer Compatibility
836/888
Efficiency
84.3%
Date
12/19/2011
Power Factor1,5
0.91
Vendor
Cirrus Logic
EN55015 Compliant (Y/N)
Y
Input Voltage
120V
Nominal Input Power (W)1,5
8.3
Form Factor
CRD1610-8W
Maximum Input Power (W)2,5
8.5
Model #
CDB1610-8W
Output Voltage (V)1,3
14.8
IC
CS1610
Output Current (mA)1,3
470
Topology
Boost/Flyback
Output Current Ripple
120Hz (mA)1,4
0
Isolation (Y/N)
Y
Output Power (W)1,5
7.0
Compatibility Spec.
1.0
Efficiency (%)
84.3
Dimmer Type
Flicker Free
Steady-state
Monotonic
Dimming
Max Iout (mA)
Min Iout (mA)
Total
# of Lamps
# of Lamps
# of Lamps
# of Lamps
1
5
10
1
5
10
1
5
10
1
5
10
Cooper - Leading Edge
Y
Y
Y
Y
Y
Y
470 470 469
14
14
22
23
Cooper - Leading Edge
Y
Y
Y
Y
Y
Y
470 470 470
9
9
9
24
GE - Leading Edge
Y
Y
Y
Y
Y
Y
470 469 470
9
9
9
24
Leviton - Leading Edge
Y
Y
N
Y
Y
Y
469 469 470
10
11
11
19
Leviton - Leading Edge
Y
Y
Y
Y
Y
Y
469 468 469
9
9
9
24
Leviton - Trailing Edge
Y
Y
Y
Y
Y
Y
469 469 469
11
10
9
24
Leviton - Trailing Edge
Y
Y
N
Y
Y
Y
469 469 470
63
60
56
16
Leviton - Leading Edge
Y
Y
Y
Y
Y
Y
469 469 469
9
9
9
24
Leviton - Leading Edge
Y
Y
N
Y
Y
Y
469 469 469
9
9
9
19
Leviton - Leading Edge
Y
Y
Y
Y
Y
Y
470 469 471
9
9
9
24
Leviton - Leading Edge
Y
Y
Y
Y
Y
Y
470 469 470
9
9
9
24
Leviton - Trailing Edge
Y
Y
Y
Y
Y
Y
469 469 470
9
9
9
24
Leviton - Leading Edge
Y
Y
Y
Y
Y
Y
469 470 469
9
9
9
24
Leviton - Leading Edge
Y
Y
Y
Y
Y
Y
469 469 469
56
54
51
21
Leviton - Leading Edge
Y
Y
Y
Y
Y
Y
470 470 469
9
9
9
24
Leviton - Leading Edge
Y
Y
Y
Y
Y
Y
470 469 470
12
13
11
24
Leviton - Occupancy Sensor
Y
Y
Y
Y
Y
Y
470 470 470
0
0
0
24
Leviton - Leading Edge
Y
Y
Y
Y
Y
Y
470 469 470
9
9
9
24
Lutron - Leading Edge
Y
Y
Y
Y
Y
Y
469 470 469
9
9
9
24
Lutron - Leading Edge
Y
Y
Y
Y
Y
Y
470 469 470
9
9
9
24
Lutron - Leading Edge
Y
Y
Y
Y
Y
Y
470 470 469
14
13
11
24


Similar Part No. - CDB1610-8W

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB1610A-8W CIRRUS-CDB1610A-8W Datasheet
1Mb / 21P
   8 Watt Demonstration Board
More results

Similar Description - CDB1610-8W

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB1611A-8W CIRRUS-CDB1611A-8W Datasheet
1Mb / 21P
   8 Watt Demonstration Board
CDB1610A-8W CIRRUS-CDB1610A-8W Datasheet
1Mb / 21P
   8 Watt Demonstration Board
logo
STMicroelectronics
AN3031 STMICROELECTRONICS-AN3031 Datasheet
1Mb / 28P
   SCLT3-8 input termination demonstration board
logo
Winbond
ISD-ES502 WINBOND-ISD-ES502 Datasheet
242Kb / 7P
   Demonstration Board
logo
Vishay Siliconix
SIP11203DB VISHAY-SIP11203DB Datasheet
436Kb / 12P
   Demonstration Board
Rev. A, 12-Jun-06
logo
Winbond
ES302 WINBOND-ES302 Datasheet
362Kb / 4P
   ES302 DEMONSTRATION BOARD
logo
STMicroelectronics
STEVAL-MKI126V3 STMICROELECTRONICS-STEVAL-MKI126V3 Datasheet
568Kb / 9P
   STSmartVoice demonstration board
logo
Winbond
ISD-ES002 WINBOND-ISD-ES002 Datasheet
152Kb / 1P
   Parrot Demonstration Board
logo
STMicroelectronics
AN3244 STMICROELECTRONICS-AN3244 Datasheet
565Kb / 9P
   EVAL6230QR demonstration board
logo
Vishay Siliconix
71117 VISHAY-71117 Datasheet
201Kb / 11P
   SI9113 Demonstration Board
29-Feb-00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com