Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQF-SMSM4-128G-S9C Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SQF-SMSM4-128G-S9C
Description  Support SATA 1.5/3.0/6.0 Gbps interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SQF-SMSM4-128G-S9C Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SQF-SMSM4-128G-S9C Datasheet HTML 1Page - Advantech Co., Ltd. SQF-SMSM4-128G-S9C Datasheet HTML 2Page - Advantech Co., Ltd. SQF-SMSM4-128G-S9C Datasheet HTML 3Page - Advantech Co., Ltd. SQF-SMSM4-128G-S9C Datasheet HTML 4Page - Advantech Co., Ltd. SQF-SMSM4-128G-S9C Datasheet HTML 5Page - Advantech Co., Ltd. SQF-SMSM4-128G-S9C Datasheet HTML 6Page - Advantech Co., Ltd. SQF-SMSM4-128G-S9C Datasheet HTML 7Page - Advantech Co., Ltd. SQF-SMSM4-128G-S9C Datasheet HTML 8Page - Advantech Co., Ltd. SQF-SMSM4-128G-S9C Datasheet HTML 9Page - Advantech Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
SQFlash
mSATA 630
Specifications subject to change without notice, contact your sales representatives for the most update information.
REV 0.5
Page 2 of 25
Jun. 8, 2015
CONTENTS
1. Overview ............................................................................................ 4
2. Features ............................................................................................. 5
3. Specification Table ............................................................................ 6
4. General Description .......................................................................... 8
5. Pin Assignment and Description ................................................... 10
5.1 mSATA Interface Pin Assignments ................................................................................ 10
6. Identify Device Data ........................................................................ 12
7. ATA Command Set .......................................................................... 16
8. System Power Consumption ......................................................... 22
8.1 Supply Voltage .............................................................................................................. 22
8.2 Power Consumption ...................................................................................................... 22
9. Physical Dimension ........................................................................ 23
Appendix: Part Number Table ........................................................... 24


Similar Part No. - SQF-SMSM4-128G-S9C

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SQF-SMSM4-32G-S9C ADVANTECH-SQF-SMSM4-32G-S9C Datasheet
1Mb / 4P
   Intelligent Compact Fanless BOX PC
8-Dec-2021
SQF-SMSM4-64G-9UP ADVANTECH-SQF-SMSM4-64G-9UP Datasheet
1Mb / 3P
   15" Ubiquitous POS Terminal
SQF-SMSM4-64G-S9C ADVANTECH-SQF-SMSM4-64G-S9C Datasheet
1Mb / 4P
   Intelligent Compact Fanless BOX PC
8-Dec-2021
SQF-SMSM4-XG-S7C ADVANTECH-SQF-SMSM4-XG-S7C Datasheet
569Kb / 1P
   SATA II (3.0Gb) mSATA
SQF-SMSM4-XG-S7E ADVANTECH-SQF-SMSM4-XG-S7E Datasheet
569Kb / 1P
   SATA II (3.0Gb) mSATA
More results

Similar Description - SQF-SMSM4-128G-S9C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVCP600S TI1-SN75LVCP600S Datasheet
2Mb / 25P
[Old version datasheet]   1.5/3.0/6.0 Gbps SATA/SAS Redriver
SN75LVCP600 TI1-SN75LVCP600 Datasheet
1Mb / 24P
[Old version datasheet]   6.0 Gbps SATA PC Board and Cable Equalizer
logo
Maxim Integrated Produc...
MAX4952B MAXIM-MAX4952B Datasheet
1Mb / 10P
   Dual 1.5/3.0/6.0Gbps SAS/SATA Redriver
Rev 0; 1/10
MAX4952 MAXIM-MAX4952 Datasheet
604Kb / 11P
   Quad Equalized 1.5/3.0/6.0GT/s SAS/SATA Redriver
19-4574; Rev 0; 4/09
logo
Mimix Broadband
CMM2000-QT MIMIX-CMM2000-QT_10 Datasheet
2Mb / 11P
   1.5-6.0 GHz GaAs MMIC
CMM9000-QT MIMIX-CMM9000-QT_10 Datasheet
2Mb / 11P
   1.5-6.0 GHz GaAs MMIC
logo
Axiomtek Co., Ltd.
MANO111 AXIOMTEK-MANO111_14 Datasheet
376Kb / 2P
   4 SATA-600 support RAID 0,1,5,10
FSA AXIOMTEK-FSA Datasheet
233Kb / 1P
   SATA II standard interface
logo
Texas Instruments
SN75LVCP422 TI-SN75LVCP422 Datasheet
415Kb / 17P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412A TI-SN75LVCP412A Datasheet
1Mb / 26P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com