Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQF-SMSM1-8G-S9C Datasheet(PDF) 5 Page - Advantech Co., Ltd.

Part # SQF-SMSM1-8G-S9C
Description  Support SATA 1.5/3.0/6.0 Gbps interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SQF-SMSM1-8G-S9C Datasheet(HTML) 5 Page - Advantech Co., Ltd.

  SQF-SMSM1-8G-S9C Datasheet HTML 1Page - Advantech Co., Ltd. SQF-SMSM1-8G-S9C Datasheet HTML 2Page - Advantech Co., Ltd. SQF-SMSM1-8G-S9C Datasheet HTML 3Page - Advantech Co., Ltd. SQF-SMSM1-8G-S9C Datasheet HTML 4Page - Advantech Co., Ltd. SQF-SMSM1-8G-S9C Datasheet HTML 5Page - Advantech Co., Ltd. SQF-SMSM1-8G-S9C Datasheet HTML 6Page - Advantech Co., Ltd. SQF-SMSM1-8G-S9C Datasheet HTML 7Page - Advantech Co., Ltd. SQF-SMSM1-8G-S9C Datasheet HTML 8Page - Advantech Co., Ltd. SQF-SMSM1-8G-S9C Datasheet HTML 9Page - Advantech Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
SQFlash
mSATA 630
Specifications subject to change without notice, contact your sales representatives for the most update information.
REV 0.5
Page 5 of 25
Jun. 8, 2015
2.
Features
 Standard SATA interface
Support SATA 1.5/3.0/6.0 Gbps interface
SATA Revision 3.0 compliant
 Operating Voltage:3.3V
 Support 72 bit ECC correct per 1K Byte data
 TRIM、AHCI supported
 Hardware write protect supported
Pin header type: default on short position for write protect disable
 Temperature Ranges
Commercial Temperature
● 0℃ to 70℃ for operating
● -40℃ to 85℃ for storage
Industrial Temperature
● -40℃ to 85℃ for operating
● -40℃ to 85℃ for storage
 Mechanical Specification
Shock:1,500G / 0.5ms
Vibration:20G / 80~2,000Hz
 Humidty
Humidity:5% ~ 95% under 55℃
 Endurance : > 2,000,000 program/erase cycles
This is a test result of the whole SQFlash drive. The test is to keep writing a fixed logical block address
(LBA) and see if any bad blocks occur after 2M cycles. With wear-levelling mechanism, although the disk
was kept writing the same LBA but the physical block changes per block writing. So this test also proves
that wear-leveling is really working, or the block would be wearout after its designated life cycles.
 Data Retention
10 years
 Acquired RoHS、WHQL、CE、FCC Certificate
 Acoustic:0 dB
 Dimension:50.8 mm x 30.0 mm x 4.2 mm


Similar Part No. - SQF-SMSM1-8G-S9C

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SQF-SMSM1-16G-SBC ADVANTECH-SQF-SMSM1-16G-SBC Datasheet
99Kb / 1P
   SOLID STATE DISK, SQF mSATA 640 16G MLC (0~70C)
7/14/2017
SQF-SMSM1-4G-S9C ADVANTECH-SQF-SMSM1-4G-S9C Datasheet
637Kb / 1P
   SATA III (6.0Gb) mSATA
27-Jun-2014
SQF-SMSM1-4G-S9E ADVANTECH-SQF-SMSM1-4G-S9E Datasheet
637Kb / 1P
   SATA III (6.0Gb) mSATA
27-Jun-2014
More results

Similar Description - SQF-SMSM1-8G-S9C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVCP600S TI1-SN75LVCP600S Datasheet
2Mb / 25P
[Old version datasheet]   1.5/3.0/6.0 Gbps SATA/SAS Redriver
SN75LVCP600 TI1-SN75LVCP600 Datasheet
1Mb / 24P
[Old version datasheet]   6.0 Gbps SATA PC Board and Cable Equalizer
logo
Maxim Integrated Produc...
MAX4952B MAXIM-MAX4952B Datasheet
1Mb / 10P
   Dual 1.5/3.0/6.0Gbps SAS/SATA Redriver
Rev 0; 1/10
MAX4952 MAXIM-MAX4952 Datasheet
604Kb / 11P
   Quad Equalized 1.5/3.0/6.0GT/s SAS/SATA Redriver
19-4574; Rev 0; 4/09
logo
Mimix Broadband
CMM2000-QT MIMIX-CMM2000-QT_10 Datasheet
2Mb / 11P
   1.5-6.0 GHz GaAs MMIC
CMM9000-QT MIMIX-CMM9000-QT_10 Datasheet
2Mb / 11P
   1.5-6.0 GHz GaAs MMIC
logo
Axiomtek Co., Ltd.
MANO111 AXIOMTEK-MANO111_14 Datasheet
376Kb / 2P
   4 SATA-600 support RAID 0,1,5,10
FSA AXIOMTEK-FSA Datasheet
233Kb / 1P
   SATA II standard interface
logo
Texas Instruments
SN75LVCP422 TI-SN75LVCP422 Datasheet
415Kb / 17P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412A TI-SN75LVCP412A Datasheet
1Mb / 26P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com